Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 11 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 11 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 7Page - Clare, Inc. CPC5621 Datasheet HTML 8Page - Clare, Inc. CPC5621 Datasheet HTML 9Page - Clare, Inc. CPC5621 Datasheet HTML 10Page - Clare, Inc. CPC5621 Datasheet HTML 11Page - Clare, Inc. CPC5621 Datasheet HTML 12Page - Clare, Inc. CPC5621 Datasheet HTML 13Page - Clare, Inc. CPC5621 Datasheet HTML 14Page - Clare, Inc. CPC5621 Datasheet HTML 15Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CPC5620/CPC5621
Rev. 0.E
www.clare.com
11
typical operation. The ring detection threshold can be
changed according to the following formula:
Clare Application Note AN-117 Customize Caller ID Gain
and Ring Detect Voltage Threshold is a spreadsheet for
trying different component values in this circuit.
Changing the ring detection threshold will also change
the caller ID gain and the timing of the polarity reversal
detection pulse, if used.
3.2.2 Polarity Reversal Detection with
CPC5621
The full-wave ring detector in the CPC5621 makes it
possible to detect tip and ring polarity reversal using
the RING output. When the polarity of tip and ring
reverses, a pulse on RING indicates the event. Your
host system must be able to discriminate this single
pulse of approximately 1 msec (using the recom-
mended snoop circuit external components) from a
valid ringing signal.
3.2.3 On-hook Caller ID Signal Reception
On-hook caller ID (CID) signals are processed by
LITELINK by coupling the CID data burst through the
snoop circuit to the LITELINK RX outputs under con-
trol of the CID pin. In North America, CID data signals
are typically sent between the first and second ringing
signal.
Figure 5. On-hook Caller ID Signal Timing in
North America for CPC5620 (with Half-
wave Ring Detect)
In North American applications, follow these steps to
receive on-hook caller ID data via the LITELINK RX
outputs:
1.
Detect the first ringing signal outputs on RING.
2.
Assert CID low.
3.
Process the CID data from the RX outputs.
4.
De-assert CID (high or floating).
Note: Taking LITELINK off-hook (via the OH pin) dis-
connects the snoop path from both the receive outputs
and the RING output, regardless of the state of the
CID pin.
CID gain from tip and ring to RX+ and RX- is deter-
mined by:
where
ƒ is the frequency of the CID data signal.
The recommended components in the application cir-
cuit yield a gain 0.27 dB at 200 Hz. Clare Application
Note AN-117 Customize Caller ID Gain and Ring Detect
Voltage Threshold is a spreadsheet for trying different
component values in this circuit. Changing the CID
gain will also change the ring detection threshold and
the timing of the polarity reversal detection pulse, if
used.
For single-ended snoop circuit output of 0 dBm, set
the total resistance across the series resistors (R6/
R44 and R7/R45) to 1.4 M
Ω.
3.3 Off-Hook Operation
3.3.1 Receive Signal Path
Signals to and from the telephone network appear on
the tip and ring connections of the application circuit.
Receive signals are extracted from transmit signals by
the LITELINK two-wire to four-wire hybrid. Next, the
receive signal is converted to infrared light by the
receive photodiode amplifier and receive path LED.
The intensity of the light is modulated by the receive
signal and coupled across the electrical isolation bar-
rier by a reflective dome.
On the host equipment side of the barrier, the receive
signal is converted by a photodiode into a photocur-
VRINGPK
750mV
R3
-----------------


2R6 R3
+
()
2
1
πfRINGC7
()
2
-------------------------------
+
=
Caller ID data
RING
CID
First Ring
Signal levels not to scale
Second Ring
2s
500 ms
3s
475 ms
2s
GAINCID dB
()
20
6R3
2R6 R3
+
()
2
1
πfC7
()
2
-------------------
+
-----------------------------------------------------------------
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com