Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC5621 Datasheet(PDF) 13 Page - Clare, Inc.

Part # CPC5621
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5621 Datasheet(HTML) 13 Page - Clare, Inc.

Back Button CPC5621 Datasheet HTML 9Page - Clare, Inc. CPC5621 Datasheet HTML 10Page - Clare, Inc. CPC5621 Datasheet HTML 11Page - Clare, Inc. CPC5621 Datasheet HTML 12Page - Clare, Inc. CPC5621 Datasheet HTML 13Page - Clare, Inc. CPC5621 Datasheet HTML 14Page - Clare, Inc. CPC5621 Datasheet HTML 15Page - Clare, Inc. CPC5621 Datasheet HTML 16Page - Clare, Inc. CPC5621 Datasheet HTML 17Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
CPC5620/CPC5621
Rev. 0.E
www.clare.com
13
3.5.2 Current Limited Applications
TBR-21 sets the telephone line current limit at 60 mA.
To meet this requirement, set RZDC (R16) to 22.1 Ω.
See Clare application note AN-146 Guidelines for Effec-
tive LITELINK Designs for information on FET heat sink-
ing in this application.
3.6 AC Characteristics
3.6.1 Resistive Termination Applications
North American and Japanese telephone line AC ter-
mination requirements are met with a resistive 600
Ω
AC termination. Receive termination is applied to the
LITELINK ZNT pin (pin 29) as a 301
Ω resistor, R
ZNT
(R10).
3.6.2 Reactive Termination Applications
Many countries use a single-pole complex impedance
to model the telephone network transmission line
characteristic impedance as shown in the table below.
Matching a complex impedance requires the use of
complex network on ZNT as shown in the “Reactive
Termination Application Circuit” on page 8.
3.6.3 Mode Pin Usage
Assert the MODE pin low to introduce a 7 dB pad into
the transmit path and add 7 dB of gain to the receive
path. These changes compensate for the gain
changes made to the transmit and receive paths in
reactive termination implementations.
Insertion loss with MODE de-asserted and the resis-
tive termination application circuit is 0 dB. Insertion
loss with the reactive termination application circuit
and MODE asserted is also 0 dB.
Line Impedance Model
TBR-21
Australian
Ra
750
820
Rb
270
220
C
150 nF
120 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com