Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370TIP Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS370TIP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370TIP Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS370TIP Datasheet HTML 19Page - Microchip Technology HCS370TIP Datasheet HTML 20Page - Microchip Technology HCS370TIP Datasheet HTML 21Page - Microchip Technology HCS370TIP Datasheet HTML 22Page - Microchip Technology HCS370TIP Datasheet HTML 23Page - Microchip Technology HCS370TIP Datasheet HTML 24Page - Microchip Technology HCS370TIP Datasheet HTML 25Page - Microchip Technology HCS370TIP Datasheet HTML 26Page - Microchip Technology HCS370TIP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 23
HCS370
9.0
ELECTRICAL CHARACTERISTICS
9.1
Maximum Ratings*
Ambient temperature under bias............................................................................................................. -40°C to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD w/respect to VSS ................................................................................................................ -0.3 to +7.5V
Voltage on LED w/respect to VSS ..................................................................................................................-0.3 to +11V
Voltage on all other pins w/respect to VSS ........................................................................................-0.3V to VDD + 0.3V
Total power dissipation (Note 1) .......................................................................................................................... 500 mW
Maximum current out of VSS pin ...........................................................................................................................100 mA
Maximum current into VDD pin .............................................................................................................................. 100 mA
Input clamp current, IIK (VI < 0 or VI > VDD) ......................................................................................................... ± 20 mA
Output clamp current, IOK (Vo < 0 or Vo >VDD).................................................................................................... ± 20 mA
Maximum output current sunk by any Output pin.................................................................................................... 25 mA
Maximum output current sourced by any Output pin .............................................................................................. 25 mA
*Notice: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
Note 1: Power dissipation is calculated as follows: Pdis=VDD x {IDD - Â IOH} + Â {(VDD-VOH) x IOH} + Â(VOl x IOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com