Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370TIP Datasheet(PDF) 6 Page - Microchip Technology

Part # HCS370TIP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370TIP Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS370TIP Datasheet HTML 2Page - Microchip Technology HCS370TIP Datasheet HTML 3Page - Microchip Technology HCS370TIP Datasheet HTML 4Page - Microchip Technology HCS370TIP Datasheet HTML 5Page - Microchip Technology HCS370TIP Datasheet HTML 6Page - Microchip Technology HCS370TIP Datasheet HTML 7Page - Microchip Technology HCS370TIP Datasheet HTML 8Page - Microchip Technology HCS370TIP Datasheet HTML 9Page - Microchip Technology HCS370TIP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
HCS370
DS41111D-page 6
Preliminary
2002 Microchip Technology Inc.
If the device is in the transmit process and detects that
a new button is pressed, the current code word will be
aborted, a new code word will be transmitted and the
time-out counter will RESET. If all the buttons are
released, a minimum number of code words will still be
completed. The minimum code words can be set to 1,
2, 4, or 8 using the Minimum Code Words (MTX) con-
figuration option. If the time for transmitting the mini-
mum code words is longer than the time-out time, the
device will not complete the minimum code words.
The HCS370 has an onboard nonvolatile EEPROM.
This EEPROM is used to store user programmable
data and the synchronization counter. The data is pro-
grammed at the time of production and includes the
security related information such as encoder keys,
serial numbers, discrimination values, and seed val-
ues. All the security related options are read protected.
The initial counter value is also programmed at the time
of production. From then on the device maintains the
counter itself. The HCS370 has built in redundancy for
counter protection and can recover from counter cor-
ruption.
The counter will not increment if the previous write was
corrupted by low voltage RESET or power failure dur-
ing TPLL. Instead, the counter will revert back to the
previous count and the HCS370 will attempt to correct
the bad bits. This will continue on every button press
until the voltage increases and the counter is success-
fully corrected.
FIGURE 2-2:
I/O CIRCUITS
FIGURE 2-3:
I/O CIRCUITS (
CONTINUED)
DATA, RFEN
N
P
Figure 2-2(D)
STEP
Outputs
VIN
Figure 2-2(E)
+
-
1.2V
VDD
S0, S1, S2
Inputs
S3, S4, SHIFT
ZIN
Figure 2-3(A)
LED Output
LED
Figure 2-3(C)
VDD
LED
Weak
S5/SLEEP
ZIN
VDD
S5
P
N
SOEN
Figure 2-3(B)
N
P
N
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com