Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370TIP Datasheet(PDF) 12 Page - Microchip Technology

Part # HCS370TIP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370TIP Datasheet(HTML) 12 Page - Microchip Technology

Back Button HCS370TIP Datasheet HTML 8Page - Microchip Technology HCS370TIP Datasheet HTML 9Page - Microchip Technology HCS370TIP Datasheet HTML 10Page - Microchip Technology HCS370TIP Datasheet HTML 11Page - Microchip Technology HCS370TIP Datasheet HTML 12Page - Microchip Technology HCS370TIP Datasheet HTML 13Page - Microchip Technology HCS370TIP Datasheet HTML 14Page - Microchip Technology HCS370TIP Datasheet HTML 15Page - Microchip Technology HCS370TIP Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
HCS370
DS41111D-page 12
Preliminary
2002 Microchip Technology Inc.
FIGURE 3-2:
CODE WORD DATA FORMAT (20-BIT COUNTER)
3.2.3.1
Low Voltage Detector Status (VLOW)
A low battery voltage detector onboard the HCS370
can indicate when the operating voltage drops below a
predetermined value. There are two options available
depending on the Low Voltage Trip Point Select
(VLOWSEL) configuration option. The two options pro-
vided are:
• A 2.2V nominal level for 3V operation
• A 3.2V nominal level for 5V operation
The output of the low voltage detector is checked on
the first preamble pulse of each code word with the
LED momentarily turned off. The VLOW bit is transmit-
ted in each code word so the decoder can give an indi-
cation to the user that the transmitter battery is low.
Operation of the LED changes as well to further indi-
cate that the battery is low and needs replacing.
The output of the Low Voltage Detector can also be
latched once it has dropped below the selected value.
The Low Voltage Latch (VLOWL) configuration option
enables this option. If this option is enabled, the detec-
tor level is raised to 3V or 5V once a low battery voltage
has been detected, like a Schmitt Trigger.
This will effectively hold the VLOW bit high until the bat-
tery is replaced. If the Low Voltage Latch is enabled,
then the low TE after the first preamble pulse can
stretch by 4 ms one time as the latch changes state.
Transmission Direction LSB First
Fixed Code Portion (32 Bits)
QUE
2 Bits
CRC
2 Bits
VLOW
1-Bit
SERIAL NUMBER
(28 Bits)
Q1 Q0 C1 C0
S2 S1 S0
S3
BUT
4 Bits
DISC
8 Bits
Synchronization
20 Bits
Counter
19
0
S2
S1
S0 S3
Hopping Code Portion (32 Bits)
With XSER=0, 20-bit Counter, QUEN=1
Status Information
(5 Bits)
BUT
4 Bits
Fixed Code Portion (32 Bits)
CRC
2 Bits
VLOW
1-Bit
SERIAL NUMBER
(32 Bits)
C1 C0
BUT
4 Bits
DISC
8 Bits
Synchronization
20 Bits
Counter
19
0
S2
S1
S0 S3
Hopping Code Portion (32 Bits)
With XSER=1, 20-bit Counter, QUEN=0
Status Information
(3 Bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com