Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370TIP Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS370TIP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370TIP Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS370TIP Datasheet HTML 13Page - Microchip Technology HCS370TIP Datasheet HTML 14Page - Microchip Technology HCS370TIP Datasheet HTML 15Page - Microchip Technology HCS370TIP Datasheet HTML 16Page - Microchip Technology HCS370TIP Datasheet HTML 17Page - Microchip Technology HCS370TIP Datasheet HTML 18Page - Microchip Technology HCS370TIP Datasheet HTML 19Page - Microchip Technology HCS370TIP Datasheet HTML 20Page - Microchip Technology HCS370TIP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 17
HCS370
FIGURE 5-2:
LED OPERATION
5.4
Step-Up Voltage Regulator
To create your own step-up regulator circuit, first decide
on an output voltage. Second, set the VIN resistor
divider to drop it down to 1.2 volts. Keep the sum of the
two resistors around 100 k
Ω. Third, put your maximum
load on the output and increase the inductance until
COUT charges from 0 volts to your output voltage in
about 30 ms from the minimum input voltage. Finally,
test over your temperature and input voltage ranges.
The WAIT option will delay RF transmissions until
COUT is charged. This permits a trade off in slower but-
ton response times to save money on cheaper induc-
tors. This can also optimize performance for good
batteries and let response times drift for weak batteries.
Also, this option will indicate failure to reach regulation
voltage after 250 ms by not transmitting and not flash-
ing the LED. If WAIT is disabled, the step-up regulator
still operates and transmissions will always start 30 ms
after a button press.
The SLEEP Output Enable (SOEN) option can be
enabled if S5 is not used. This reconfigures S5 to be an
output high when the HCS370 is sleeping. S5 will be an
output low when a button press wakes it up. One way
to use this option is to save power on the step-up reg-
ulator. The problem is that the VIN resistor divider
makes a DC path through the inductor and diode to dis-
charge the battery. By tying the bottom of the divider to
SLEEP as shown in Figure 2-1, the path is broken
between transmissions.
5.5
Cyclic Redundancy Check (CRC)
The CRC bits are calculated on the 65 previously trans-
mitted bits. These bits contain the 32-bit hopping code,
32-bit fixed code, and VLOW bit. The decoder can use
the CRC bits to check the data integrity before process-
ing starts. The CRC can detect all single bit errors and
66% of double bit errors. The CRC is computed as fol-
lows:
EQUATION 5-1:
CRC Calculation
and
with
and Di
n the nth transmission bit 0 <= n <= 64
5.6
Button Queue Information
(QUEUE)
The queuing or repeated pressing of the same buttons
can be handled in two ways on the HCS370. This is
controlled with the Queue Counter Enable (QUEN)
configuration option. This option can be different for
Encoder 1 and Encoder 2.
When the QUEN option is disabled, the device will reg-
ister up to two sequential button presses. In this case,
the device will complete the minimum code words
selected with the MTX option before the second code
word is calculated and transmitted. The code word will
be 67 bits in this case, with no additional queue bits
transmitted.
If the QUEN option is enabled, the queue bits are
added to the standard code word. The queue bits are a
2-bit counter that does not wrap. The counter value
starts at 00
2 and is incremented if a button is pushed
within 2 seconds from the start of the previous button
press. The current code word is terminated when a but-
ton is queued. This allows additional functionality for
double or triple button presses.
FIGURE 5-3:
CODE WORD COMPLETION
WITH QUEN SETTINGS
6.0
PROGRAMMING
SPECIFICATIONS
Refer to the “HCS370 Programming Specifications”
document (DS41157) in Microchip Literature.
SN
LED
LED
VDD > VLOW
VDD < VLOW
TLEDON
TLEDOFF
LEDBL=1
LED
VDD < VLOW
LEDBL=0
CRC 1
[]
n1
+
CRC 0
[]
n
Di
n
⊕
=
CRC 0
[]
n1
+
CRC 0
[]
n
Di
n
⊕
() CRC 1
[]
n
⊕
=
CRC 1 0
,
[]
0
0
=
SN
QUEN = Disabled
QUEN = Enabled
DATA
WAKE-UP
CODE2
CODE2
MTX = 01
2, WAKE > 002
CODE1
CODE1
WAKE-UP
DATA
WAKE-UP
CODE1
WAKE-UP
00
CODE2 01
CODE2 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com