Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370TIP Datasheet(PDF) 1 Page - Microchip Technology

Part # HCS370TIP
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370TIP Datasheet(HTML) 1 Page - Microchip Technology

  HCS370TIP Datasheet HTML 1Page - Microchip Technology HCS370TIP Datasheet HTML 2Page - Microchip Technology HCS370TIP Datasheet HTML 3Page - Microchip Technology HCS370TIP Datasheet HTML 4Page - Microchip Technology HCS370TIP Datasheet HTML 5Page - Microchip Technology HCS370TIP Datasheet HTML 6Page - Microchip Technology HCS370TIP Datasheet HTML 7Page - Microchip Technology HCS370TIP Datasheet HTML 8Page - Microchip Technology HCS370TIP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 1
KEELOQ® Code Hopping Encoder
FEATURES
Security
• Two programmable 32-bit serial numbers
• Two programmable 64-bit encoder keys
• Two programmable 60-bit seed values
• Each transmission is unique
• 67/69-bit transmission code length
• 32-bit hopping code
• Crypt keys are read protected
Operating
• 2.05-5.5V operation
• Six button inputs
• 15 functions available
• Four selectable baud rates
• Selectable minimum code word completion
• Battery low signal transmitted to receiver
• Nonvolatile synchronization data
• PWM, VPWM, PPM, and Manchester modulation
• Button queue information transmitted
• Dual Encoder functionality
Other
• On-chip EEPROM
• On-chip tuned oscillator (±10% over voltage and
temperature)
• Button inputs have internal pull-down resistors
•LED output
• PLL control for ASK and FSK
• Low external component count
• Step-up voltage regulator
Typical Applications
The HCS370 is ideal for Remote Keyless Entry (RKE)
applications. These applications include:
• Automotive RKE systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage door openers
• Identity tokens
• Burglar alarm systems
PACKAGE TYPES
HCS370 BLOCK DIAGRAM
GENERAL DESCRIPTION
The HCS370 is a code hopping encoder designed for
secure Remote Keyless Entry (RKE) and secure
remote control systems. The HCS370 utilizes the
KEELOQ® code hopping technology, which incorpo-
rates high security, a small package outline, and low
cost to make this device a perfect solution for unidirec-
tional authentication systems and access control sys-
tems.
The HCS370 combines a hopping code generated by a
nonlinear encryption algorithm, a serial number, and
status bits to create a secure transmission code. The
length of the transmission eliminates the threat of code
scanning and code grabbing access techniques.
8
14
1
2
3
4
13
12
11
S0
S1
S2
S3
VDD
LED
DATA
Vss
PDIP, SOIC,
S4
SLEEP/S5
SHIFT
RFEN
STEP
VIN
5
6
7
10
9
TSSOP
VSS
VDD
Oscillator
RESET circuit
LED driver
Controller
Power
latching
and
switching
Button input port
32-bit SHIFT register
Encoder
EEPROM
DATA
LED
S3
S2
S
1
S
0
S4
S5
SHIFT
RF Enable
RFEN
Step-up
regulator
STEP
VIN
SLEEP
HCS370


Similar Part No. - HCS370TIP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS370 MICROCHIP-HCS370 Datasheet
956Kb / 42P
KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
HCS370 MICROCHIP-HCS370_11 Datasheet
956Kb / 42P
KEELOQ짰 Code Hopping Encoder Four selectable baud rates
2011
More results

Similar Description - HCS370TIP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS200 MICROCHIP-HCS200 Datasheet
150Kb / 16P
KEELOQ CODE HOPPING ENCODER
1996
HCS301 MICROCHIP-HCS301 Datasheet
168Kb / 20P
KEELOQ CODE HOPPING ENCODER
1996
HCS360 MICROCHIP-HCS360 Datasheet
211Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996-1997
HCS361 MICROCHIP-HCS361 Datasheet
343Kb / 24P
KEELOQ CODE HOPPING ENCODER
1996 - 1997
HCS500 MICROCHIP-HCS500 Datasheet
356Kb / 24P
KEELOQ CODE HOPPING ENCODER
1997
HCS201 MICROCHIP-HCS201 Datasheet
383Kb / 28P
KEELOQ Code Hopping Encoder
2001
HCS320 MICROCHIP-HCS320 Datasheet
435Kb / 32P
KEELOQ Code Hopping Encoder
2001
HCS365 MICROCHIP-HCS365 Datasheet
463Kb / 34P
KEELOQ Code Hopping Encoder
2002
HCS200SN MICROCHIP-HCS200SN Datasheet
728Kb / 34P
KEELOQ Code Hopping Encoder
05/02/11
HCS362-I MICROCHIP-HCS362-I Datasheet
489Kb / 38P
KEELOQ Code Hopping Encoder
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com