Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2553 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL2553
Description  USB ports/Hubs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2553 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL2553_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DFN2X2
BL2553
 
3
NAME 
PIN 
DESCRIPTION 
‐6 
OUT 
1 
Current limit Output. Bypass with a capacitor that 
  is greater than 120μF if used for USB 
ILIM 
2 
Current limit threshold setting pin. Connect a resistor 
from this pin to GND to set different current limit values 
nFAULT  3 
Fault flagging pin. Connect a pull up resistor to IN,  
when in fault conditions, this pin is asserted low 
EN 
4 
Enable pin 
GND 
5 
Ground 
IN 
6 
 
Power input. Bypass with a 4.7μF capacitor to GND 
 
 
The BL2553 is a load switch which provides full 
protection to systems and loads which may 
encounter large current conditions. BL2553 offers 
a 95mΩ current‐limited switch which can operate 
over an input voltage range of 2.5‐5.5V. The 
current limit can be externally programmed by a 
precision resistor, ranges from 75mA to 1.4A. 
BL2553 also features reverse voltage blocking, 
UVLO, and thermal shutdown to protect IC from 
overheating. An nFAULT flag output provides a 
pull‐down signal to indicate fault conditions.
 
 
CURRENT LIMITING 
The current limit ensures that the current 
through the switch doesn't exceed a maximum 
value while not limiting at less than a minimum 
value. The current at which the parts will limit is 
adjustable through the selection of an external 
resistor connected to ILIM. Information for 
selecting the resistor is found in the Application 
Info section. BL2553 thermal cycles if an overload 
condition is present long enough to activate 
thermal limiting in any of the above cases. The 
device turns off when the junction temperature 
exceeds 135°C (typ) while in current limit. The 
device remains off until the junction temperature 
cools 10°C (typ) and then restarts 
 
REVERSE‐VOLTAGE BLOCKING 
The reverse‐voltage protection feature turns off 
the Power MOSFET whenever the output voltage 
exceeds the input voltage by 150mV (typ) for 
4‐ms (typ). This prevents damage to devices on 
the input side of the BL2553 by preventing 
significant current from sinking into the input 
capacitance. The BL2553 allow the power 
MOSFET to turn on once the output voltage goes 
below the input voltage for the same 4‐ms 
deglitch time. The reverse‐voltage condition also 
asserts the nFAULT output (active‐low) after 4‐ms. 
During “OFF” condition, the reverse‐voltage 
blocking function is still in effect, preventing any 
current floating from OUT to IN even when the 
device is not in use. 
 
nFAULT FLAG 
The FAULT open‐drain output is asserted (active 
low) during an overcurrent, over temperature or 
reverse‐voltage condition. The BL2553 asserts the 
FAULT signal until the fault condition is removed 
and the device resumes normal operation. The 
nFAULT signal is de‐asserted once device power is 
cycled or the enable is toggled and the device 
resumes normal operation. The BL2553 and 
BL2553is designed to eliminate false nFAULT 
reporting by using an internal delay "deglitch" 
circuit for overcurrent (9‐ms typ) and 
reverse‐voltage (4.5‐ms typ) conditions without 
the need for external circuitry. This ensures that 
nFAULT is not accidentally asserted due to 
normal operation such as starting into a heavy 
capacitive load. The deglitching circuitry delays 
entering and leaving fault conditions. Over 
temperature conditions are not deglitched and 
assert the nFAULT signal immediately. 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com