Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2553 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL2553
Description  USB ports/Hubs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2553 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL2553_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BL2553
 
5
Full Load to Short‐Circuit 
VIN=5V, RILIM=20K 
CH1: Output Voltage; CH2: nFault pin Voltage; CH4: Input Current
Short‐Circuit to Full load 
VIN=5V, RILIM=20K 
CH1: Output Voltage; CH2: nFault pin Voltage; CH4: Input Current
No‐load to Short‐Circuit 
VIN=5V, RILIM=20K 
CH1: Output Voltage; CH2: nFAULT pin Voltage;  
CH4: Input Current
 
Short‐Circuit to No‐load VIN=5V,RILIM=20K 
CH1: Output Voltage;  
CH2: nFAULT pin Voltage; CH4: Input Current 
 
No‐load to 1 Ω‐load 
VIN=5V,RILIM=20K 
CH1: Output Voltage; CH2: nFAULT pin Voltage 
CH4: Input Current
 
1 Ω‐load to No‐load 
VIN=5V,RILIM=20K 
CH1: Output Voltage; CH2: nFAULT pin Voltage 
CH4: Input Current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com