Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2553 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL2553
Description  USB ports/Hubs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2553 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

  BL2553_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BL2553
 
7
INPUT OUTPUT CAPACITANCE 
Input and output capacitance improves the performance of the device; the actual capacitance should be 
optimized for the particular application. For all applications, a 4.7µF or greater ceramic bypass capacitor 
between IN and GND is recommended as close to the device as possible for local noise de‐coupling. This 
precaution reduces ringing on the input due to power‐supply transients. Additional input capacitance may 
be needed on the input to reduce voltage overshoot from exceeding the absolute maximum voltage of the 
device during heavy transient conditions. This is especially important during bench testing when long, 
inductive cables are used to connect the evaluation board to the bench power‐supply. Placing a high‐value 
electrolytic capacitor on the output pin is recommended when large transient currents are expected on the 
output. 
 
SETTING THE CURRENT LIMIT THRESHOLD 
RILIM (KΩ) 
Typical Current Limit (mA) 
200 
138 
180 
152 
151 
179 
100 
266 
82 
324 
68 
389 
51 
520 
43 
612 
30 
873 
20 
1295 
18.7 
1395 
Rlimt(K)=1.3A×20K/Itarget 
 
POWER DISSIPATION 
During normal operation as a switch, the power dissipated in the part will depend upon the level at which 
the current limit is set. The maximum allowed setting for the current limit is 1A and this will result in a 
power dissipation of,    
P = (ILIM)
2 x RDS = (1)2 x 0.10 = 100mW 
If the part goes into current limit the maximum power dissipation will occur when the output is shorted to 
ground. This is more power than the package can dissipate, but the thermal shutdown of the part will 
activate to protect the part from damage due to excessive heating. A short on the output will cause the 
part to operate in a constant current state dissipating a worst case power of,    
P(max) = VIN(max) x ILIM(max) = 5.5 x 1 = 5W 
This large amount of power will activate the thermal shutdown and the part will cycle in and out of thermal 
shutdown so long as the ON pin is active and the short is present. 



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com