Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2553 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL2553
Description  USB ports/Hubs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2553 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL2553_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
                           
BL2553 
1
The BL2553 is a load switch which provides full protection to systems and loads which may encounter large 
current conditions. BL2553 offers a 95mΩ current‐limited switch which can operate over an input voltage range 
of 2.5‐5.5V. The current limit can be externally programmed by a precision resistor, ranges from 75mA to 1.4A. 
Switch control is by a logic input (EN) capable of interfacing directly with low voltage control signals. Current is 
prevented from flowing when the switch is off and the output voltage is higher than the input voltage. BL2553 
also features thermal shutdown protection which shuts off the switch to prevent damage to the part when a 
continuous over‐current condition causes excessive heating. When the switch current reaches the current limit, 
the parts operate in a constant‐current mode to prohibit excessive currents from causing damage. The BL2553 
will not turn off after a current limit fault, but will rather remain in the constant current mode indefinitely. The 
nFAULT output asserts low during over‐current and reverse‐voltage conditions. 
 
BL2553 is housed in a tiny DFN2x2‐6L package
 
USB ports/Hubs 
Hot Swaps 
Cellphones 
Tablet PC 
Set Top Box 
PC motherboard 
Handheld Devices 
Up to 1.4A Max Load current 
Accurate Current‐limit threshold: +/‐5%  
Programmable Current‐limit : 75mA to 1.4A 
Fast Over‐Current Response 
Fault Flag Output: nFAULT Pin 
Reversed Current blocking 
Thermal Shutdown, UVLO protection 
Tiny DFN2x2‐6L 
 
 


Similar Part No. - BL2553_14

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
Precision Load Switch with Adjustable Current Limit
More results

Similar Description - BL2553_14

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CAPA800 AXIOMTEK-CAPA800 Datasheet
269Kb / 1P
8 USB 2.0 ports
NANO100 AXIOMTEK-NANO100 Datasheet
304Kb / 1P
6 USB 2.0 ports
PICO831 AXIOMTEK-PICO831 Datasheet
342Kb / 1P
4 USB 2.0 ports
SBC84826 AXIOMTEK-SBC84826 Datasheet
264Kb / 1P
4 USB 2.0 ports
SBC86836 AXIOMTEK-SBC86836 Datasheet
247Kb / 1P
8 USB 2.0 ports
logo
Moxa Inc.
204 MOXA-204 Datasheet
611Kb / 3P
4 and 7-port entry-level USB hubs
404 MOXA-404 Datasheet
703Kb / 4P
4 and 7-port industrial-grade USB hubs
logo
Advantech Co., Ltd.
BB-USH204 ADVANTECH-BB-USH204 Datasheet
266Kb / 2P
Four & Seven Port Super-Speed 3.0 USB Hubs
17-May-2021
logo
Coolgear Inc.
PS-HC24V COOLGEAR-PS-HC24V Datasheet
424Kb / 2P
Capacity Power Supply for Coolgear USB Hubs
logo
Advantech Co., Ltd.
ULI-414LIB ADVANTECH-ULI-414LIB Datasheet
967Kb / 4P
Industrial USB 2.0 & 3.0 Hubs
22-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com