Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL2553 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL2553
Description  USB ports/Hubs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL2553 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL2553_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL2553_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ORDERING INFORMATION
DFN2X2-6L
(Note: Exceeding these limits may damage the device. Exposure to 
absolute maximum rating conditions for long periods may affect device 
reliability.) 
 
IN to GND…..............................................–0.3V to 6V 
OUT, ILIM, nFAULT, EN to GND…..–0.3V to VIN+0.3V 
OUT  to  GND  Current  …………………..Internally  limited 
Maximum  Power  Dissipation………….…………...1.0W 
Operating Temperature Range …….…. –40°C to 85°C 
Storage  Temperature  Range….………–55°C  to  150°C
 
(VIN = 5V, unless otherwise specified. Typical values are at TA = 25
oC.) 
PARAMETER 
CONDITIONS 
MIN 
TYP 
MAX
UNITS
Input Voltage Range  
2.5  
5.5 
V 
Input UVLO 
Rising, Hysteresis=25mV  
2.35  
V 
Input Supply Current 
RILIM=20K  
120  
μA 
Input Shutdown Current  
 
0.5 
1.5 
μA 
Power Switch On Resistance 
ISW =500mA  
95  
mΩ 
ISW =500mA, ‐40°C≤TJ≤120°C 
  
145 
mΩ 
Current limit Threshold 
RILIM=18.7K  
1.395  
A 
RILIM=20K  
1.295  
A 
RILIM=49.9K  
0.520  
A 
Response time to Short‐circuit    
 
1  
μS 
Reverse‐voltage Threshold 
VOUT‐VIN  
150  
mV 
Reverse Leakage Current 
VOUT=5.5V,Vin=0V,VEN=High  
0.5 
2 
μA 
EN Input Logic High threshold   VnFAULT=5.5V  
 
1 
V 
EN Input Logic Low threshold  
0.66  
 
V 
nFAULT Output Low Voltage 
InFAULT =1mA  
70 
170 
mV 
nFAULT Output Leakage  
 
 
 
1 
μA 
nFAULT Deglitch Time 
De‐assertion due to Over‐current  
9  
mS 
De‐assertion due to Reverse‐Voltage 
 
4.5  
Thermal Shutdown  
 
 
160  
oC 
Thermal Shutdown In Current 
Limit 
  
135  
oC
Thermal Shutdown Hysteresis  
 
15  
oC 
 
BL2553
Package:DFN2*2-6 Tape&Reel:3000/Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com