Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6280 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LP6280
Page 9 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Application Information (Continued)
4. IIC REGISTER MAP
The lowest bit number (0) represents the least bit, the highest bit number (7) represents the most bit, and R/W
indicates whether the bit is read only (R), write only (W), or both read and write (R/W).
Address
Description
Default
D7
D6
D5
D4
D3
D2
D1
D0
00H
Positive Output VOP Voltage
0FH
--
--
--
VOP [4:0]
01H
Negative Output VON Voltage
0FH
--
--
--
VON [4:0]
03H
DIS_VOP:VOP Discharge
Resistor Enable or Disable
DIS_VON:VON Discharge
Resistor Enable or Disable
03H
--
--
--
--
--
--
DIS_
VOP
DIS_
VON
FFH
Data registers write controller.
00H
Wr
--
--
--
--
--
--
--
Set VOP Output Voltage (Register Address – 00H)
VOP Voltage
Addr: 00H
Default Value : VOP(Register)=0x0FH, VOP =5.5V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R/W
R/W
R/W
R/W
R/W
0
0
0
VOP[4]
VOP [3]
VOP [2]
VOP [1]
VOP [0]
VOP
[4:0]
Register
Volt (V)
Register
Volt (V)
00000
4.00
10000
5.60
00001
4.10
10001
5.70
00010
4.20
10010
5.80
00011
4.30
10011
5.90
00100
4.40
10100
6.00
00101
4.50
10101
6.00
00110
4.60
10110
6.00
00111
4.70
10111
6.00
01000
4.80
11000
6.00
01001
4.90
11001
6.00
01010
5.00
11010
6.00
01011
5.10
11011
6.00
01100
5.20
11100
6.00
01101
5.30
11101
6.00
01110
5.40
11110
6.00
01111
5.50
11111
6.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com