Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6280 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6280 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP6280
Page 1 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Dual Channel Output LCD Bias Power
General Description
The LP6280 boost converter is designed to supple
bias power positive / negative output source driver
application. it has wide input voltage range of 2.5V to
5.5V and output currents up to 120mA.
The LP6280 is a high efficiency synchronous boost
converter, which is based on current mode topology,
fixed frequency to regulate output voltage. Other
features include under-voltage lockout (UVLO),
internal soft start, current limit protection, thermal
shutdown protection.
The LP6280 is available in a space saving WLCSP
15-ball (0.4mm pitch) package.
Order Information
LP6280 □ □ □
F: Pb-Free
Package Type
HVF: WLCSP-15
Features
 2.5V to 5.5V Input Supply Voltage Range
 Output Current up to 120mA
 Up to 85% Efficiency
 Programmable Output Voltages
VOP Output Voltage : 4V to 6V with 0.1V step
VON Output Voltage :-4V to -6V with 0.1V step
 ENP/ENN Power on Sequence Control.
 Built-in Soft Start
 Over-Current Protection
 Over-Temperature Protection
 WLCSP 15-ball (1.4mm x 2.3mm) Package
 RoHS Compliant and Halogen Free
 Pb-Free Package
Applications
 TFT LCD Smartphone and Tablets
 White Brand MID
DAC Supply
OLED Displays
Marking Information
Device
Marking
Package
Shipping
LP6280
LPS
LP6280
YWX
WLCSP-15 3K/REEL
Y: Y is year code. W: W is week code. X: X is series number.


Similar Part No. - LP6280

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6282 POWER-LP6282 Datasheet
276Kb / 9P
LCD Bias Power for Panel
LP6283 POWER-LP6283 Datasheet
529Kb / 10P
Power Management ICs for TV / Monitor
LP6284 POWER-LP6284 Datasheet
534Kb / 9P
Multi-Channel DC-DC Converter
LP6285 POWER-LP6285 Datasheet
438Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
LP6286 POWER-LP6286 Datasheet
505Kb / 8P
Multi-Channel DC-DC Converter for LCD Panel
More results

Similar Description - LP6280

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
Dual Output Boost - LED Driver / LCD Bias
logo
Global Mixed-mode Techn...
G2561 GMT-G2561 Datasheet
126Kb / 1P
Programmable Multi-Output TFT LCD Bias Power
G5565 GMT-G5565 Datasheet
122Kb / 1P
Quad-Output TFT LCD Bias Power
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
Dual Output LCD Bias IC
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
logo
Kinetic Technologies.
KTD2150 KINETIC-KTD2150 Datasheet
933Kb / 21P
Programmable Dual Output LCD Bias Power
August 2020 - Revision 04d
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
KTD2159 KINETIC-KTD2159 Datasheet
980Kb / 13P
Programmable Dual Output LCD Bias Power
November 2016 - Revision 04a
KTZ8850 KINETIC-KTZ8850 Datasheet
223Kb / 2P
High Efficiency Step-Up LED Driver with Dual Output LCD Bias Power
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com