Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6280 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6280 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LP6280
Page 2 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Typical Application Circuit
VOP
CFLY
2.2uF
LP6280
VIN
SDA
ENP
ENN
VOUT
CFY1
SCL
CFY2
VON
IIC
(For test only.)
L1
4.7uH
VOP
AGND
PGND
OFF ON
COUT
4.7uF
CVOP
4.7uF
CVON
4.7uF
SW
CIN
4.7uF
VIN
VON
Figure 1. Typical Application Circuit of LP6280
Pin Configuration
D1
B1
B2
B3
C1
C2
C3
PGND
VON
ENN
A1
A2
A3
D2
D3
E1
E2
E3
SCL
ENP
CFY1
SDA
VIN
VOUT
AGND
SW
VOP
PGND
VOUT
CFY2
PGND
CFY2
CFY1
Figure 2. WLCS-15-Ball (1.4 mm x 2.3 mm) Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com