Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6280 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6280 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LP6280
Page 3 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Function Block Diagram
ENP
CFY1
VOUT
ENN
AGND
SW
VOP
Sync
Boost
LDO
VIN
PGND
CFY2
VON
SDA
SCL
Control
Logic
Neg-CP
Figure 3. Internal Function Block Diagram
Functional Pin Description
Pin No.
Pin Name
Description
A1
ENN
Logic control shutdown input for VON power control.
A2
VON
Negative voltage output.
A3
CFY2
Negative input for the external flying capacitor. Connect a ceramic 2.2μF capacitor
close to the pins of the IC
B1
ENP
Logic controlled shutdown input for VOP power control.
B2
SCL
IIC interface clock signal. (This pin is for production test only, no connection)
B3,E1
PGND
Boost converter power ground.
C1
VIN
Input supply p
in. Decouple with 4.7μF ceramic capacitor close to the pin.
C2
SDA
IIC interface data signal. (This pin is for production test only, no connection)
C3
CFY1
Positive input for the external flying capacitor. Connect a ceramic 2.2μF capacitor
close to the pins of the IC
D1
SW
Power switching output. Connect an external inductor to this switching node.
D2
AGND
Analog ground. Control circuitry returns current to this pin.
D3,E2
VOUT
Output of the synchronous r
ectifier. Decouple with an external capacitor. At least 4.7μF
is recommended.
Higher capacitor values reduce output ripple.
E3
VOP
Positive voltage output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com