Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6280 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6280 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LP6280
Page 5 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Electrical Characteristics
(TA=25°C, VIN =3.3V, VOP = 5V, VON = –5V, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
General
Input UVLO Threshold
VUVLO(VTH)
VIN rising
2.1
2.3
2.5
V
Under
Voltage
Lockout
Threshold
Hysteresis
VUVLO(HYS)
VIN falling
200
mV
Quiescent Current
IQ
No Load.
1
2
mA
ENN=ENP=GND
5
uA
High-Side MOSFET Leakage Current
ISW(leak)
VSW=6.5V, VOUT=0V
10
μA
Low-Side MOSFET Leakage Current
VSW=6.5V
10
μA
Oscillator Frequency
FOSC
0.96
1.2
1.44
MHz
Switch Current Limit
ILIM
1.5
A
Maximum Duty Cycle
DMAX
90
%
Thermal Shutdown Temperature
TSD
140
℃
Thermal Shutdown Hysteresis
10
℃
Positive Output Voltage
Positive Output Voltage Range
VOP
21 steps, each step=100mV
4
6
V
Output Voltage Accuracy
No load
-1.5
+1.5
%
Positive Output Current
IOP
120
mA
Dropout voltage
VDrop
VOP=5V, IOP=120mA
160
mV
Load Regulation
IOP=10mA to 40mA, VOP=5V
1
%
Line Regulation
VIN=2.5V~4.2V, IOP=40mA
1
%
VOP Discharge Resistor
RDis_P
140
Ω
ENP Logic Low
VENP(L)
0.5
V
ENP Logic High
VENP(H)
1.5
V
ENP Pin Current
IENP
VENP=2V
10
uA
Negative Output Voltage
Negative Output Voltage Range
VON
21 steps, each step=100mV
-6
-4
V
Output Voltage Accuracy
No load
-1.5
+1.5
%
Negative Output Current
ION
-120
mA
Charge Pump Switching Frequency
FCP
0.8
1
1.2
MHz
Load Regulation
ION=-10mA to -40mA, VON=-5V
1
%
Line Regulation
VIN=2.5V~4.2V, IOP=-40mA
1
%
VON Discharge resistor
RDis_N
10
Ω
ENN Logic Low
VENN (L)
0.5
V
ENN Logic High
VENN (H)
1.5
V
ENN Pin Current
IENN
VENN=2V
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com