Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6286 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6286
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6286 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6286 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP6286
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 6 of 8
LP6286–00 Version 0.0 NOV.-2016
Electrical Characteristics
(VIN =5V, VAVDD =13V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
VIN Input Supply Voltage
VIN
2.5
5.5
V
AVDD
AVDD
6
18
V
AVDD Over Voltage Protect
VOVP
18
20
V
Boost Switching Frequency
FLX
1
1.2
1.4
MHz
Charge Pump Frequency
FCP
500
600
700
kHz
VIN Supply Current
IQ
VFB=1.5V, LX no Switching
0.4
0.8
mA
VFB=1.2V, LX Switching
2.3
5
mA
AVDD Operation Current
IAVDD
VOPP=5V
1.2
3
mA
Input UVLO Threshold
VUVLO(VTH)
VIN Rising
2.15
2.25
2.35
V
UVLO Threshold Hysteresis
VUVLO(HYS)
Falling Hysteresis
100
mV
Reference Voltage
VREF
1.238
1.25
1.262
V
Thermal Shutdown Threshold
TSD
160
°C
Thermal Shutdown Hysteresis
30
°C
Boost Regulator
Maximum Duty-Cycle
DMAX
86
90
94
%
Feedback Voltage
VFB
1.238
1.25
1.262
V
Transconductance of Error Amplifier
Gm
ΔICOMP=5uA
85
µA/V
Voltage Gain
AV
1500
V/V
Switch-ON Resistance
RDS(ON)
200
m
Ω
Current Limit
ILimit
2.5
3
A
LX Leak Current
ILeak
LX Off.
0.01
20
µA
Internal Soft Start Time
TSS
10
ms
UVP Fault Protection Voltage
VUVP
VFB Falling
0.95
1
1.05
V
UVP Fault Delay
TUVP
55
ms
Short Circuit Protection Voltage
VSCP
100
mV
Voltage Detector
Detecting Voltage Adjustment
VDET
HYS=50mV
1.25
V
������������������������������PullLowVoltage
VRST������ IRST=5mA
0.2
V
������������������������������BlankingTime
T������������������������������
140
160
180
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com