Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6286 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6286
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6286 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP6286 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP6286
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 7 of 8
LP6286–00 Version 0.0 NOV.-2016
Electrical Characteristics (Continued)
(VIN =5V, VAVDD =13V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Gate Pulse Modulator
DLY Source Current
IDLY
4
5
6
uA
DLY Threshold Voltage
VDLY
1.22
1.25
1.28
V
DLY Discharge Resistor
RDLY
10
Ω
VFLK Input High Voltage
VFLK_H
2
V
VFLK Input Low Voltage
VFLK_L
0.5
V
Propagation Delay VFLY to VGHM
TPP
VGH = 30V
200
ns
VGH Switch ON Resistance
RDS_GH
VDLY=1.5V, VFLK = VIN
15
30
Ω
DRN Switch ON Resistor
RDS_DRN
VDLY=1.5V, VFLK = GND
30
60
Ω
VGHM Discharge Resistor
RDS_VGHM
VDLY=1V
1.5
2.5
3.5
k
Ω
Charge Pump
Charge Pump Soft Start Time
TSS_CP
3.4
ms
Positive Feedback Voltage
VFBP
1.23
1.25
1.27
V
DRVP Switch ON Resistance
RDS_DRVP1
3
20
Ω
RDS_DRVP2
3
20
Ω
Negative Feedback Voltage
VFBN
235
250
265
mV
DRVN Switch ON Resistance
RDS_DRVN1
3
20
Ω
RDS_DRVN2
3
20
Ω
Operation Amplifier
Input Offset Voltage
VOS
VOPO=VAVDD/2
2
15
mV
Output Voltage Swing High
VOH
VOPP= VAVDD/2, ILoad = -50mA
5.03
5.06
V
VOPP= VAVDD, ILoad = 5mA
9.85
9.92
Output Voltage Swing Low
VOL
VOPP= VAVDD/2, ILoad = 50mA
4.94
4.97
VOPP=0V, ILoad = -5mA
0.08
0.15
Short Circuit Current
VOP_Short
Unity-Gain, VOPO= VAVDD/2
±200
mA
Slew Rate
SR
VOPP = 2V to 8V, 8V to 2V,
20% to 80%
40
V/us



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com