Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6286 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6286
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6286 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6286 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Preliminary Datasheet
LP6286
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 4 of 8
LP6286–00 Version 0.0 NOV.-2016
Functional Pin Description
Pin NO.
Pin Name
Description
1
OPP
OPA Non-Inverting Input.
2
OPN
OPA Inverting Input.
3
OPO
OPA Output.
4
OGND
Ground for OPA. Connect this pin to ground.
5
AVDD
VDD for Source Driver Power. This also supplies the Charge-Pump/OPA power source.
6
DRVP
VGH Charge-Pump Regulator Driver Output.
7
DRVN
VGL Charge-Pump Regulator Driver Output.
8
VFLK
VFLK is produced by timing controller for charging or discharging VGHM.
9
RST����� Open-DrainOutputforReset.ActiveLow.
10
FBP
VGH Charge-Pump Regulator Feedback Input. Connect to an external resistive
voltage divider from the VGH to GND to set the output voltage.
11
FBN
VGL Charge-Pump Regulator Feedback Input. Connect to an external resistive
voltage divider from the VGL to REF to set the output voltage.
12
REF
Reference Voltage Output. Connect a ceramic capacitor between REF and GND.
13
VIN
Supply Input. The input voltage range is between 2.5V to 5.5V. Connect a ceramic
capacitor between VIN and GND.
14
AGND
Analog GND.
15
VDET
Voltage Detector Input. Connect to an external resistive voltage divider from the
VIN to AGND.
16
COMP
Boost Regulator Error Amplifier Compensation Pin.
17
FB
Boost Regulator Feedback Input. Connect to an external resistive voltage divider
from the output to FB to set the output voltage.
18
PGND
Power Ground.
19
PGND
Power Ground.
20
LX
Boost Regulator Switching Node. Connect the inductor and the schottky diode to LX.
21
DRN
GPM Discharge Pin. Connect a resistor between DRN and GND.
22
VGHM
GPM Output.
23
VGH
GPM Input.
24
DLY
VGHM Delay Discharge Time. Connect a capacitor between DLY and GND.
EP
Exposed pad. Connect this pin to other gnd pin.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com