Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6286 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6286
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6286 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6286 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LP6286
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 3 of 8
LP6286–00 Version 0.0 NOV.-2016
Pin Configuration
OPP
OPN
OPO
OGND
AVDD
PGND
FB
COMP
VDET
AGND
1
2
3
PGND
DRVP
DRVN VFLK RST FBP FBN REF
VIN
DLY VGH VGHMDRN LX PGND
4
5
6
7
8
9
10 11 12
13
14
15
16
18
17
19
20
21
22
23
24
Figure 2. QFN-24 Package (4mm x 4mm) Top View
Function Block Diagram
LX
Boost
PGND
FB
OSC
COMP
VIN
Control
Logic
Voltage
Detector
OPP
Switch
Control
Block
DRN
VGHM
VGH
DLY
VFLK
Positive
Charge
Pump
VDET
FBP
DRVP
OTP
AVDD
OPN
OGND
RST
Negative
Charge
Pump
OPO
AGND
FBN
DRVN
REF
Figure 3. Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com