Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6286 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6286
Description  Multi-Channel DC-DC Converter for LCD Panel
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6286 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6286 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6286 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP6286
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 2 of 8
LP6286–00 Version 0.0 NOV.-2016
Typical Application Circuit
VGH
30V
RST
AVDD
OPP
COMP
OPO
FB
VIN
LX
VGHM
VGH
FBP
DRVP
AGND
DRN
VIN
5V
AVDD
13V
Reset
OPI
VCOM
VDET
DLY
VFLK
VFLK
OPN
OGND
DRVN
FBN
REF
VGL
-7.25V
PGND
RCOMP
75k
Ω
R2
10k
Ω
R1
94k
Ω
R4
10.5k
Ω
R3
240k
Ω
R5
75k
Ω
R6
10k
Ω
RDRN
10k
Ω
C2
22uF
L1
10uH
C1
10uF
CIN
0.1uF
RIN
1
Ω
CDLY
33nF
RCOM
10
Ω
R7
10k
Ω
R8
10k
Ω
C4
2.2uF
C3
4.7uF
C5
2.2uF
C6
1uF
C10 0.1uF
C8 0.1uF
C9 0.1uF
CGHM
1nF
C7 0.1uF
CCOMP
1nF
Figure 1. Typical Application Circuit of LP6286



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com