Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28501 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28501
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management and Adapter Adaptive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28501 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28501 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LP28501-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
Preliminary Datasheet
LP28501
Application Information
The LP28501 is an easy controlled power path
management device and a single cell Li-Ion battery
charger. It integrates the input reverse-blocking FET,
high-side switching FET, low-side switching FET,
and BATFET between system and battery. The
device also integrates the bootstrap diode for the
high-side gate drive.
Device Power Up from Battery without DC Source
If only battery is present and the voltage is above
depletion threshold, the BATFET turns on and
connects battery to system. The REG LDO stays off
to minimize the quiescent current. The low RDSON in
BATFET and the low quiescent current on BAT
minimize the conduction loss and maximize the
battery run time.
Power Up from DC Source
When the DC source plugs in, the LP28501 checks
the input source voltage to turn on REG LDO and all
the bias circuits. It also checks the input current limit
before starts the buck converter.
Input Source Qualification
After REG LDO powers up, the LP28501 checks the
current capability of the input source. The input
source has to meet the following requirements to
start the buck converter.
1. VBUS voltage below 16V
2. VREG voltage above 2.43V
Once the input source passes all the conditions
above, the permit signal is asserted to the chip.
Input Current Limit Detection
The USB ports on personal computers are
convenient charging source for portable devices
(PDs). If the portable device is attached to a USB
host, the USB specification requires the portable
device to draw limited current. If the portable device
is attached to a charging port, it is allowed to draw up
to the maximum current form the USB host by two
parts limit:
1. VREG voltage above 2.43V
2. The maximum input current < ILIMIT
VSYS and Narrow VDC Architecture
The device deploys Narrow VDC architecture (NVDC)
with BATFET separating system from battery. The
minimum system voltage is set by battery voltage.
With a not fully depleted battery, the system is
regulated (RBATFET×I(BAT,SYS))V less than the battery
voltage. And a selectable VSYS could be set by
SYSSEL when battery is fully depleted and adapter
is applied to VBUS.
Charge state indication
As showed below, the STAT and FULL LED respond
to this six STATES.
STATE
STAT
FULL
Without Battery
Flicker
Light On
Charging
Light On
Light Off
Charge complete
Light Off
Light On
Battery overheat
Flicker
Light Off
Time out
Flicker
Light Off
VREG < VREG(th)
Light On
Light Off



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com