Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28501 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28501
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management and Adapter Adaptive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28501 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28501 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP28501-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP28501
Typical Application Circuit
VDC
VBUS
STAT
VDDP
VBAT
NTC
FULL
LP28501
CIN
10uF
RLIMIT
Battery
LPM9006B3F
Low side
NMOS
System load
COUT
22uF
High side
NMOS
LPM9006B3F
CBAT
10uF
VSYS
VDDA
RISET
RIREF
CCOM
SYSSEL
VB
CE
CIN2
10uF
VBUS
D-
D+
D
GND
MICRO USB
REG
CONTROL
CVDDP
4.7uF
CVDDA
1uF
2K
2K
LED1
LED2
R1
R2
0.1Ω
22Ω
BST
VDDP
CBST
GNDP
L
4.7uH
Absolute Maximum Ratings
Note 1
Input and Vout to GND(VDC,VBUS) -------------------------------------------------------------------- -0.3V to 18V
Other Pin to GND -------------------------------------------------------------------------------------------- -0.3V to 6.5V
LX voltage to GND ------------------------------------------------------------------------------------------- -0.3V to 18V
HDR,BST voltage to GND ---------------------------------------------------------------------------------- -0.3V to 23V
BST referred to LX ------------------------------------------------------------------------------------------ -0.3V to 6.5V
BAT Short-circuit Duration ----------------------------------------------------------------------------------- Continuous
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Storage Temperature ------------------------------------------------------------------------------------- -45℃ to 165℃
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (QFN-28, PD, TA=25℃) ---------------------------------------------------------- 2W
Thermal Resistance (QFN-28, θJA) ---------------------------------------------------------------------------- 50℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com