Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28501 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28501
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management and Adapter Adaptive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28501 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28501 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP28501-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP28501
Electrical Characteristics
(The specifications which apply over the full operating temperature range, otherwise specifications are at TA=25℃, VBUS=5V, unless
otherwise noted.)
Parameter
Test Conditions
Measured
Min
Typ
Max
Units
VIN
Input Voltage
VBUS
4.4
14
V
VIN Port Protection Threshold
VBUS Rising
UVLO
4.15
4.25
4.35
V
VBUS Falling
3.95
4.05
4.15
V
Input Voltage Regulation Reference
VREG
2.3
2.4
2.5
V
Minimum Output Voltage Set for VSYS
SYSSE=float, VBAT=2V
3.3
V
SYSSE=high, VBAT=2V
3.5
V
SYSSE=low, VBAT=2V
3.0
V
VDDP/VDDA
5
V
Power Path Management
VDC Power by USB/Adapter MOSFET RDSON
1A Current Load
R(VBUS,VDC)
50
mΩ
Switch Between VSYS and VBAT
VBAT=4.2V, VBUS Absent, IBAT=3A
R(VSYS, VBAT)
-
40
mΩ
Quiescent Currents
VIN Current
VBUS=4V
IBUS
80
μA
Battery Discharge Current in Standby Mode
VBAT=4.2V
IBAT
15
µA
Charger Controller
Trickle Charge Condition
VBAT<1.4V
VISET
0.04
V
1.4V<VBAT<VTRICKL
0.2
V
VBAT voltage
VB=float, RISET=1K,IBAT=100mA
4.158
4.2
4.242
V
VB=high, RISET =1K, IBAT=100mA
4.3
V
VB=low, RISET=1K, IBAT=100mA
4.35
V
Charge Current in CC Mode
RISET=1K,VBAT=3.6V
IBAT
1500
mA
RISET=0.5K,VBAT=3.6V
3000
mA
Current Mode (CC)
VISET
1.45
1.5
1.55
V
Trickle Charge Voltage Threshold
VBAT rising
VTRIKL
2.8
2.9
3.0
V
Trickle Charge Voltage Threshold Hysteresis
VTRIKL_HYS
200
mV
Charge Current in Trickle charge Condition
VBAT<1.4V
ITRIKL
15
mA
1.4V<VBAT<VTRIKL, RISET=1K
200
mA
1.4V<VBAT<VTRIKL, RISET=0.5K
400
mA
End of Charger Current
13.3
%ICC
Adapter Current Limit
VILIM
1.9
2
2.1
V
Current Limit through VBUS
RILIMIT=1K
ILIMIT
1.1
A
RILIMIT=0.5K
2.2
A
Switch Frequency
VBUS=5V,VBAT=3.6V, RISET=0.5K
1.2
MHz
Trickle Charge Timer
Default register, wake-up mode
90
min
Charge Timer
Default register, CC+CV mode
10
h
Recharge Threshold
VBAT falling
150
mV
STAT Low Level
Open drain pulled up with 5mA
STAT
0.2
V
Leakage Current to STAT
VBAT=4.3V, IBAT=0
0.6
1
μA
FULL Low Level
Open drain pulled up with 5mA
FULL
0.2
V
Leakage Current to FULL
VBAT=4.3V, IBAT=0
0.6
1
μA
CE Threshold
Enable charge, CE rising
VCER
3.5
V
Disable charge, CE falling
VCEF
2
V
Temperature Sense Comparators
High Voltage Threshold
Temp fault at VNTC>VLTF
VLTF
2.45
2.500
2.55
V
Low Voltage Threshold
Temp fault at VNTC<VHTF
VHTF
0.48
0.500
0.52
V
Temperature Sense Current Sense
RNTC=10k
INTC
94
100
106
μA
Charging Temperature Shutdown
Temperature rising
145
℃
Hysteresis falling
25
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com