Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28501 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28501
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management and Adapter Adaptive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28501 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28501 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP28501-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP28501
3.5A Synchronous Buck Li-ion Charger
With Intelligent Path Management and Adapter Adaptive
General Description
The LP28501 is a 3.5A Li-Ion battery charger intended
for 4.4V~14V wall adapters. It utilizes a high efficiency
synchronous buck converter topology to reduce power
dissipation during charging. The LP28501 includes
complete charge termination circuitry, automatic
recharge and a ±1% 4.2V/4.3V /4.35V float voltage.
The LP28501 could manage the power supply for
system intelligently. The adapter would satisfy the
system`s demand firstly, then charge battery with extra
current output capacity from adapter. If the current
capacity of adapter could not meet the system demand,
the adapter and battery would supply power for system
together. When the adapter`s current capacity is low
than the set charge current, the LP28501 would
decrease the charge current automatically to keep the
output of adapter would not be pull down by the chip.
Additional features include shorted cell detection;
temperature qualified charging and overvoltage
protection. The LP28501 is available in a low profile
QFN-28 package.
Order Information
LP28501 □ □ □
F: Pb-Free
Package Type
QV: QFN-28
Applications
Quick charge 2.0/3.0 (QC2.0 / QC3.0)
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
Features
Power Path Management Intelligently
Adapter Adaptive
CHARGE:
Very Low Power Dissipation
3.5A Maximum Charge Current
Efficiency up to 90%
Input voltage: 4.4V~14V
Programmable charge complete voltage:
4.2V /4.3V /4.35V
Operation with Thermal Regulation to
Maximize Charge Rate Without Risk of
Overheating
Charges Single Cell Li-Ion Batteries Directly
from USB Port
Available in QFN28(4*4mm) Package
RoHS Compliant and 100% Lead (Pb)-Free
Functional Pin Description
27
25
24
23
1
2
3
4
5
16
15
6
22
17
28
21
20
19
18
7
VDDA
VBAT
CE
IREF
VDDA
SYSSEL
VB
GNDP
LDR
VDDP
BST
LX
HDR
STAT
8
10
9
11
12
13
14
26
29
GNDA
Marking Information
Device
Marking
Package
Shipping
LP28501QVF
LPS
LP28501
YWX
QFN-28
3K/REEL
Y: Year code. W: Week code. X: Batch numbers.


Similar Part No. - LP28501

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
LP28-1720 SUPERWORLD-LP28-1720 Datasheet
110Kb / 1P
POWER TRANSFORMER
LP28-215 SUPERWORLD-LP28-215 Datasheet
109Kb / 1P
POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
LP28-215B116 PULSE-LP28-215B116 Datasheet
152Kb / 1P
Laminated Transformers
LP28-215B116 PULSE-LP28-215B116 Datasheet
147Kb / 4P
IGNITION TRANSFORMERS
logo
Superworld Electronics
LP28-430 SUPERWORLD-LP28-430 Datasheet
109Kb / 1P
POWER TRANSFORMER
More results

Similar Description - LP28501

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28300 POWER-LP28300 Datasheet
452Kb / 10P
2A Synchronous Buck Li-ion Charger
logo
Linear Technology
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28601 POWER-LP28601 Datasheet
1Mb / 12P
3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management竊똀dapter Adaptive and OTG
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
High Power Li-Ion Charger W/I-Path Management
logo
Lowpower Semiconductor ...
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
4.5A Synchronous Buck Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com