Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28501 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP28501
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management and Adapter Adaptive
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28501 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP28501 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28501 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP28501-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP28501
Dynamic Power Management
To meet maximum current limit in USB spec and
avoid over loading the adapter, the LP28501
features Dynamic Power Management (DPM), which
continuously monitors the input current and input
voltage. When input source is over-loaded because
the charge current is too large, either the current
exceeds the input current limit or the voltage falls
below the input voltage limit by detection from REG.
The device then reduces the charge current until the
REG voltage rises above the threshold voltage and
the input current is less than the current limit.
Power Path Management
The LP28501 accommodates a wide range of input
sources from USB to wall adapter. The device
provides automatic power path selection to supply
the system (SYS) from input source (VBUS), battery
(BAT), or both.
If the system current and the input current limit is
large than the adapter current limit, the adapter
voltage would be pulled down by this large system
current.
Battery Charging Management
The LP28501 charges 1-cell Li-Ion battery with up to
3.5A charge current for high capacity tablet battery.
The low dissipation BATFET improves charging
efficiency and minimizes the voltage drop during
discharging.
Autonomous Charging Cycle
With battery charging enabled, the LP28501 can
complete a charging cycle. The charger device
automatically terminates the charging cycle when the
charging current is below termination threshold and
charge voltage is above recharge threshold. When a
full battery voltage is discharged below recharge
threshold 0.15V, the LP28501 automatically starts
another charging cycle. The STAT output indicates
the charging status of charging (LOW), charging
complete or charge disable (HIGH) or charging fault
(Blinking). The three states indicate the different
charging
phases:
low-charging,
high-charge
complete, blink-charge fault. Another charge down
indication is FULL(low when charge complete or
without battery).
Battery Charging Profile
The device charges the battery in three phases:
preconditioning, constant current and constant
voltage. At the beginning of a charging cycle, the
device checks the battery voltage and applies
current.
If the charger device is in DPM regulation or thermal
regulation during charging, the actual charging
current will be less than the programmed value. In
this case, termination is temporarily disabled and the
charging safety timer is counted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com