Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400ACSPF Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP28400ACSPF
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400ACSPF Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP28400ACSPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 9Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP28400A
Battery Temperature Detection
The LP28400A continuously monitors temperature
by measuring the voltage between the THM and
GND pins. A negative or a positive temperature
coefficient thermistor (NTC, PTC) and an external
voltage divider typically develop this voltage. The
LP28400A compares this voltage against its internal
VTHM-L and VTHM-H thresholds to determine if
charging is allowed. The temperature sensing circuit
is immune to any fluctuation in VVL, since both the
external voltage divider and the internal thresholds
(VTHM-L)and VTHM-H) are referenced to VVL.
The resistor values of R1 and R2 are calculated by
the following equations:
For NTC Thermistors
For PTC Thermistors
K1(VTHM-L)=28% , K2(VTHM-H)=74%.
Where R(TC) is the cold temperature resistance and
R(TH) is the hot temperature resistance of thermistor,
as specified by the thermistor manufacturer. R1 or
R2 can be omitted if only one temperature (hot or
cold) setting is required. Applying a voltage between
the VTHM-L and VTHM-H thresholds to pin THM
disables the temperature-sensing feature.
Charge state indication
As showed below, the LED STAT respond to this five
STATES.
STATE
STAT Pin
LED STAT
Without Battery
Flicker
Flicker
Charging
Low
Light On
Charge complete
High
Light Off
Vreg < Vreg(th)
Low
Light On



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com