Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400ACSPF Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28400ACSPF
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400ACSPF Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28400ACSPF Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP28400A
2 cell Li-ion Battery Charge from 3V~12V
General Description
The LP28400A is a complete constant-current/
constant voltage switching charger for multi cell
lithium-ion batteries. Boost+Linear charger work with a
USB 2.0 compliant power IC assuring 2 cell LiIon
battery charging. When the battery voltage is low, the
charger works in linear operation mode. Along with the
charging the battery voltage is higher the charger will
transfer to Boost operation mode smoothly.
When the battery voltage <6V, switch to wake-up
current charging.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination.
Order Information
LP28400A □ □ □ □
F: Pb-Free
Package Type
SP: ESOP8
QV: QFN-16
Output voltage
A: 8.4V
B: 8.7V
C: 8.8V
Applications
2 cell Li-Ion handheld devices
POS device
Bluetooth speaker
USB powered devices
Features
Adapter Adaptive
Input voltage range 3V~12V
Integrated low side power mosfet
Simple structure and perfect transition between
Linear and Boost operation
Programmable charge current and CV voltage
Dynamic input current allocation for maximum
charging rate
Automatically switches to wake-up current when
charging over-discharged batteries
Over Current Protection
Over Temperature Protection
Consumption Available in ESOP8 &
QFN16(3mm*3mm) Package
RoHS Compliant and 100% Lead (Pb)-Free
Programmable Charge Mode for 2cells,3cells or
4cells charging (QFN-16 package only)
Marking Information
Device
Marking
Package
Shipping
LP28400AASPF
LP28400AAQVF
LPS
LP28400AA
YWX
ESOP8
QFN-16
3K/REEL
LP28400ABSPF
LP28400ABQVF
LPS
LP28400AB
YWX
ESOP8
QFN-16
3K/REEL
LP28400ACSPF
LP28400ACQVF
LPS
LP28400AC
YWX
ESOP8
QFN-16
3K/REEL
Marking indication:
Y:Production year W:Production week X:Series Number


Similar Part No. - LP28400ACSPF

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
More results

Similar Description - LP28400ACSPF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
Single cell Li-ion battery charger
2003 Oct 15
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
Li-ion Battery Charge Controller IC
logo
Taiwan Semiconductor Co...
TS2207A TSC-TS2207A Datasheet
152Kb / 6P
Li-Ion Battery Protector Ideal for One-Cell Rechargeable Li-Ion Battery
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
Multi-Cell Li-Ion Battery Manager
December 14, 2012
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Intersil Corporation
ISL78600ANZ INTERSIL-ISL78600ANZ Datasheet
809Kb / 22P
Multi-Cell Li-Ion Battery Manager
January 20, 2015
logo
Shanghai Consonance Ele...
CN3762 CONSONANCE-CN3762 Datasheet
211Kb / 11P
Standalone 2-Cell Li-ion Battery Charger
logo
HYCON Technology Corpor...
HY2212 HYCON-HY2212 Datasheet
754Kb / 14P
1 Cell Li-ion/Polymer Battery Charge Balance IC
HY2213 HYCON-HY2213 Datasheet
745Kb / 14P
1 Cell Li-ion/Polymer Battery Charge Balance IC
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
Li-ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com