Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400ACSPF Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28400ACSPF
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400ACSPF Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28400ACSPF Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP28400A
Electrical Characteristics
(TA = 25°C. unless otherwise noted.)
Parameter
Test Conditions
Measured
Limits
Units
Min
Typ
Max
Quiescent current
IQ
1
mA
Internal LDO output
VIN=6V
V(VL)
4.9
5
5.1
V
Input voltage regulation
reference
VREG
0.95
1
1.05
V
Battery leakage current
VBAT=8.4V, VIN=NC
IBAT
-10
uA
VBAT=8.4V, VIN=5V
-35
Program Charging
Current
From Rs to VBAT
V(RS,VBAT)
47.5
50
52.5
mV
Charge current limit
VIN=5V
IBATLIMIT
1.5
A
CV voltage
V(VBAT)
8.4
V
Recharge threshold
V(VBAT)
300
mV
End of charge threshold
From Rs to VBAT
V(RS,VBAT)
5
mV
Trickle charge voltage
threshold
V(VBAT)
6
V
Trickle charge current
From Rs to VBAT
V(RS,VBAT)
10
mV
Thermal protection
Not tested in production
135
145
155
C
Switching frequency
LX
1
MHz
UVLO input voltage
Threshold
VIN increasing
VIN
-
2.65
-
V
UVLO Hysteresis
VIN decaying
VIN
-
150
-
mV
STAT low level
Open drain pulled up with
5mA
STAT
0.2
V
Low side Rdson
From LX to GND
R(LX,GND)
60
mΩ
THM threshold, Hot
VTHM-L
0.28*V(VL)
V
THM threshold, Cold
VTHM-H
0.74*V(VL)
Note: Charge current set by:
SENSE
RSENSE
R
V
BAT
I



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com