Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400ACSPF Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28400ACSPF
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400ACSPF Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28400ACSPF Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP28400A
Functional Pin Description
THM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Top View
FULL
STAT
REG
VL
VIN
EN
PB
17
GNDP
4
3
2
1
5
6
7
8
RS
STAT
VIN
LX
REG
VBAT
PB
VL
GND
9
TOP VIEW
Pin Description
QFN-16
ESOP8
Pin Name
I/O
Description
1
8
PB
O
Gate control signal for pass transistor also the compensation for Boost.
2
EN
I
Enable pin, active high.
3
1
VIN
I
Power input.
4
2
VL
O
Internal LDO output. Connect a decoupling 4.7uF capacitor to GNDP.
5
LG
O
Low side gate driver for outside power mosfet.
6
3
LX
P
Switching Node Connection.
7,17
9
GNDP
P
Ground for Power section.
8
GNDA
P
Ground for the analog circuits.
9
THM
I
Thermistor
input.
If
VTHM<0.28*V(VL)
the
charging
is
inhibited.
If
0.28*V(VL)<VTHM<0.74*V(VL)
the
charger
operates
normally.
If
VTHM>0.74*V(VL) the charging is inhibited.
10
FULL
O
Battery full indication pin, active low.
11
4
STAT
O
Indicates charge status. Active low when charging is on.
12
5
REG
I
Input voltage feedback for the input voltage regulation loop.
13
VB
I
Programmable battery-full voltage. Connect to GND for 4.4V,leave floating to
4.2V, and connect to VL for 4.35V
14
CELLS
I
Cell selection. Connect to GND for 3 cells, leave floating to 2 cells, and connect
to VL for 4 cells.
15
6
RS
I
Indicates charging terminated.
16
7
VBAT
I
Sense pin for battery voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com