Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28400ACSPF Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28400ACSPF
Description  2 cell Li-ion Battery Charge from 3V~12V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28400ACSPF Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28400ACSPF Datasheet HTML 1Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28400ACSPF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP28400A – 02
Sep.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP28400A
Typical Application Circuit
STAT
LP28400ASPF
Battery
C4
10uF
VIN
2K
LED1
RS
VBAT
C1
22uF
VIN
4.7uH
Diode
PMOS
RSENSE
50mΩ
R2
13K
R1
47K
REG
VL
GND
C2
22uF
C3
10nF
C5/NC
LPM3413/LPM9435
CL
10uF
LP28400ASPF Application for 2 cells battery form 3V~12V
STDBY
CHRG
LP28400AQVF
Battery
CBAT
10uF
VIN
2K
LED1
LED2
RS
VBAT
VB
CIN
22uF
VIN
4.7uH
Diode
PMOS
RSENSE
50mΩ
Reg2
Reg1
REG
VL
RNTC
R1
THM
CVL
22uF
CELLS
EN
LG
Control
CREG/NC
CB
22uF
CB
10nF
LPM3413/LPM9435
R2
LP28400AQVF Application for 2~4 cells battery
NOTE: The capacitor CVL must put away form LX pin.
Rsense
mV
50
Icharge 
Rsense
mV
50
Icharge 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com