Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSW2-63DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZSW2-63DR Datasheet(HTML) 1 Page - Mini-Circuits

  ZSW2-63DR Datasheet HTML 1Page - Mini-Circuits ZSW2-63DR Datasheet HTML 2Page - Mini-Circuits ZSW2-63DR Datasheet HTML 3Page - Mini-Circuits ZSW2-63DR Datasheet HTML 4Page - Mini-Circuits ZSW2-63DR Datasheet HTML 5Page - Mini-Circuits ZSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Overview
Mini-Circuits’ ZSW2-63DR+ is a 50 Ω high power SPDT RF switch designed for automatic test equipment applications, covering
a broad frequency range from 5 to 6000 MHz with low insertion loss and high linearity.
The ZSW2-63DR+ operates on a single supply voltage from +2.3 V to +4.8 V with a single pin control. The switch comes
housed in a rugged, compact, aluminum alloy case (2.00 x 1.5 x 0.6”) with 3 SMA-F connectors at RF ports and a 9-pin D-sub
connector for DC power and control signals.
SPDT RF Switch
ZSW2-63DR+
Rev. OR
M160787
EDR-11514/4
ZSW2-63DR+
170808
Key Features
Feature
Advantages
Wideband, 5 to 6000 MHz
One model can be used in many applications, saving component count. Also
ideal for wideband applications such as military and instrumentation.
High linearity, + 73 dBm IP3
High linearity minimizes unwanted inter-modulation products which are difficult
or impossible to filter in multi-carrier environments, or in the presence of strong
interfering signal from adjacent circuitry or received by antenna.
Low insertion loss:
• 0.33 dB up to 1000 MHz
• 1.1 dB up to 6000 MHz
Provides excellent transmission of signal power from input to output and minimizes
overall system loss
High power:
+36 dBm up to 6000 MHz
Suitable for signal routing applications with high power requirement such as
antenna feeds in transmit systems and more.
High Power, Solid state
Model No.
ZSW2-63DR+
Case Style
QV2426
Connectors
SMA
RoHS Compliant
See our web site for RoHS Compliance
methodologies and qualifications
50 Ω Reective RF switch 5 to 6000 MHz, 4 W
Internal driver, Single Supply Voltage 2.3V to 4.8V
The Big Deal
• Wide band, 5 to 6000 MHz
• High power +36 dBm
• High linearity, IP3 +73 dBm@850 MHz
• Low loss, 1.1 dB up to 6 GHz
Applications
• Lab
• Instrumentation
• Automatic Test equipment (ATE)
• Defense


Similar Part No. - ZSW2-63DR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZSW2-272VHDR+ MINI-ZSW2-272VHDR+ Datasheet
542Kb / 6P
SPDT RF Switch
ZSW2-272VHDRX+ MINI-ZSW2-272VHDRX+ Datasheet
542Kb / 6P
SPDT RF Switch
More results

Similar Description - ZSW2-63DR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4266 NSC-LH4266 Datasheet
148Kb / 8P
SPDT RF Switch
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
SPDT RF SWITCH
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
SPDT RF Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com