Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSW2-63DR Datasheet(PDF) 3 Page - Mini-Circuits

Part # ZSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZSW2-63DR Datasheet(HTML) 3 Page - Mini-Circuits

  ZSW2-63DR Datasheet HTML 1Page - Mini-Circuits ZSW2-63DR Datasheet HTML 2Page - Mini-Circuits ZSW2-63DR Datasheet HTML 3Page - Mini-Circuits ZSW2-63DR Datasheet HTML 4Page - Mini-Circuits ZSW2-63DR Datasheet HTML 5Page - Mini-Circuits ZSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page 3 of 6
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ZSW2-63DR+
SPDT RF SWITCH
The RF switch control bit selects the desired switch-
state, as shown in
Table 1: Truth Table.
Simplified Diagram
50Ω
50Ω
SW3
SW2
SW4
SW1
50Ω
RF
COMMON
RF1
RF2
Control 1 Control 2
CONTROL
DRIVER
CONTROL V1
Internal Control Driver
RF COM
2
F
R
1
F
R
Table 1: Truth Table.
Parameter
Ratings
Operating Temperature, case
-40°C to +85°C
Storage Temperature
-55°C to +100°C
Vdd, Supply Voltage
-5V Min. 5V Max.
Control Voltage
-0.3V Min. 5.5V Max.
ESD, HBM
Class 1B (Pass 500V)
RF input power
See derating curves
DC voltage on RF pins
8V
Absolute Maximum Ratings 5,6
*9 Pin D-Sub
Pin Connections
PIN Number
Function
3
Vdd
4
Not Connected
5
V1
1-2,6-9
GND 8
Connections
RF1
(SMA female)
RF2
(SMA female)
RF COM
(SMA female)
DC Supply and Control 9 Pin D-Sub female*
8. Only one of the GND pins is required to be
connected for proper operation.
5. Operation of this device above any of these conditions may cause
permanent damage.
6. Operation in the range between the max operating power and the absolute
maximum rating for extended periods of time may result in reduced life
and reliability.
35
36
37
38
Abs. max. power @ 
+25°C
Abs. max. power @ 
+85°C 
Max. operating power 
@ +25°C 
Max. operating power 
Power derating vs Frequency
32
33
34
35
36
85 C 
Max. operating power 
@ +25°C 
Max. operating power 
@ +85°C
30
31
32
1
10
100
1000
10000
Frequency (MHz)
STATE
Control Input
RF Input / Output
Control V1
RF COM to
RF2
RF COM to
RF1
1
Low
OFF
ON
2
High
ON
OFF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com