Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSW2-63DR Datasheet(PDF) 2 Page - Mini-Circuits

Part # ZSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZSW2-63DR Datasheet(HTML) 2 Page - Mini-Circuits

  ZSW2-63DR Datasheet HTML 1Page - Mini-Circuits ZSW2-63DR Datasheet HTML 2Page - Mini-Circuits ZSW2-63DR Datasheet HTML 3Page - Mini-Circuits ZSW2-63DR Datasheet HTML 4Page - Mini-Circuits ZSW2-63DR Datasheet HTML 5Page - Mini-Circuits ZSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ZSW2-63DR+
SPDT RF SWITCH
Parameter
Port
Frequency
Min.
Typ.
Max.
Units
Operating Frequency
—
—
5
—
6000
MHz
Insertion Loss
RF COM to any
active port
5-1000 MHz
1000-2500 MHz
2500-5000 MHz
5000-6000 MHz
—
0.33
0.6
0.9
1.1
0.7
0.9
1.4
1.5
dB
Isolation
between RF COM
and RF1/RF2 ports
5-1000 MHz
1000-2500 MHz
2500-5000 MHz
5000-6000 MHz
39
30
22
18
48
37
29
24
—
dB
between RF1 and
RF2 ports
5-1000 MHz
1000-2500 MHz
2500-5000 MHz
5000-6000 MHz
40
30
22
18
51
40
31
26
—
dB
VSWR
RF COM port
5-1000 MHz
1000-2500 MHz
2500-5000 MHz
5000-6000 MHz
—
1.15
1.20
1.35
1.35
—
:1
RF1/RF2 ports
5-1000 MHz
1000-2500 MHz
2500-5000 MHz
5000-6000 MHz
—
1.15
1.20
1.30
1.30
—
:1
0.1dB Compression point 1
RF COM to any
active port
100-6000
—
35
—
dBm
IP2 2
RF COM to any
active port
850 MHz
1800 MHz
2500 MHz
—
115
115
115
—
dBm
IP3 2
RF COM to any
active port
850 MHz
1800 MHz
2500 MHz
—
73
74
75
—
dBm
Harmonics
—
850 MHz
1800 MHz
2500 MHz
—
-97
-97
-90
—
dBc
Operating RF input power 3
Through path
100-6000 MHz
—
—
+36
dBm
RF Electrical Specifications: 5-6000 MHz, TAMB=25°C, VDD=+2.3V to +4.8V (unless noted otherwise)
1. 0.1 dB compression may degrade below 100 MHz to 31dBm at 5MHz.
2. IP3 and IP2 tested with +25 dBm per tone. span between tones 45 MHz @ 850 MHz, 100 MHz @ 1800 & 2500 MHz.
3. For Max Power below 100 MHz See power derating curves on page 3.
Parameter
Min.
Typ.
Max.
Units
Vdd, Supply Voltage
2.3
—
4.8
V
Supply Current 4
—
0.15
0.25
mA
Control Voltage Low
0
—
0.2xVDD (max 0.6V)
V
Control Voltage High
0.85xVDD
—
5.5
V
Control Current
—
40
—
µA
DC Electrical Specifications
4. Supply current may reach 3mA at startup.
Switching Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching time
50% trigger to
10/90% signal
level
On time
Pulse rate =125[kHz],
RF freq. =501[MHz]
—
1.6
—
µs
Off time
—
1.2
—
Video feedthrough@ all ports
Vctrl=0/3V,
Duty Cycle= 50%
—
0.3
—
mVpp



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com