Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSW2-63DR Datasheet(PDF) 5 Page - Mini-Circuits

Part # ZSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZSW2-63DR Datasheet(HTML) 5 Page - Mini-Circuits

  ZSW2-63DR Datasheet HTML 1Page - Mini-Circuits ZSW2-63DR Datasheet HTML 2Page - Mini-Circuits ZSW2-63DR Datasheet HTML 3Page - Mini-Circuits ZSW2-63DR Datasheet HTML 4Page - Mini-Circuits ZSW2-63DR Datasheet HTML 5Page - Mini-Circuits ZSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ZSW2-63DR+
SPDT RF SWITCH
Typical Performance Curves (Continued)
80
Isolation RF COM to RF2
68
80
@-40°C
56
68
@+25°C
44
56
@+85°C
32
20
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Frequency (MHz)
80
Isolation RF COM to RF1
68
80
@-40°C
56
68
@+25°C
44
56
@+85°C
32
20
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Frequency (MHz)
80
Isolation RF1 to RF2 (RF2 Active)
68
80
@-40°C
56
68
@+25°C
@+85°C
44
56
@+85 C
32
20
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
1 5
Insertion Loss RF1/2 Active
1 2
1.5
RF1 Active
0 9
1.2
RF2 Active
0.6
0.9
0.3
0.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
1 5
Insertion Loss RF1 Active (over Temp.)
1 2
1.5
@-40°C
0 9
1.2
@+25°C
@+85°C
0.6
0.9
@
0.3
0.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com