Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSW2-63DR Datasheet(PDF) 6 Page - Mini-Circuits

Part # ZSW2-63DR
Description  SPDT RF Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZSW2-63DR Datasheet(HTML) 6 Page - Mini-Circuits

  ZSW2-63DR Datasheet HTML 1Page - Mini-Circuits ZSW2-63DR Datasheet HTML 2Page - Mini-Circuits ZSW2-63DR Datasheet HTML 3Page - Mini-Circuits ZSW2-63DR Datasheet HTML 4Page - Mini-Circuits ZSW2-63DR Datasheet HTML 5Page - Mini-Circuits ZSW2-63DR Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6 of 6
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
ZSW2-63DR+
SPDT RF SWITCH
1 5
VSWR RF COM over Temperature
1 4
1.5
@-40°C
1 3
1.4
@+25°C
@+85°C
1.2
1.3
@
1.1
1.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
1 5
VSWR @ RF1 Active Port over Temp
1 4
1.5
@-40°C
1 3
1.4
@+25°C
@+85°C
1.2
1.3
1.1
1.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
1 5
VSWR @ RF COM (RF1/2)
1 4
1.5
RF1 Active
1 3
1.4
RF2 Active
1.2
1.3
1.1
1.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Typical Performance Curves
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this
specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and
measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”);
Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies
thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Frequency (MHz)
1 5
VSWR @ Active Ports RF1/2
1 4
1.5
RF1 Active
RF2 Active
1 3
1.4
1.2
1.3
1.1
1.0
0
1000
2000
3000
4000
5000
6000
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)
Frequency (MHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com