Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3166 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 9Page - Analog Devices ADP3166 Datasheet HTML 10Page - Analog Devices ADP3166 Datasheet HTML 11Page - Analog Devices ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices ADP3166 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
REV. 0
ADP3166
–13–
4. Compute the relative values for RCS1, RCS2, and RTH using
R=
A– B
r
r – A
– Br + B
– A
r
A– B
r – B
– A
r – A – B
R=
1– A
–R
–
A
r– R
R=
–R
–
R
CS
CS
CCS
TH
CS
CS
2
12
2
1
12
1
21
2
21
11
11
1
1
1
1
1
1
()××
×
()××()×
×
()××()×
()
()
S
(8)
5. Calculate RTH = rTH
RCS, then select the closest value of
thermistor available. Also compute a scaling factor k based on
the ratio of the actual thermistor value used relative to the
computed one:
k=
R
R
TH ACTUAL
TH CALCULATED
()
()
(9)
6. Finally, calculate values for RCS1 and RCS2 using the following:
R= R
k
R
R= R
- k + k
R
CS
CS
CS
CS
CS
CS
11
22
1
××
×
()
×
()
()
(10)
For this example, RCS has been chosen to be 100 k
Ω, so we start
with a thermistor value of 100 k
Ω. Looking through available 0603
size thermistors, we find a Vishay NTHS0603N01N1003JR NTC
thermistor with A = 0.3602 and B = 0.09174. From these we
compute RCS1 = 0.3796, RCS2 = 0.7195 and RTH = 1.0751.
Solving for RTH yields 107.51 k
Ω, so we choose 100 kΩ, mak-
ing k = 0.9302. Finally, we find RCS1 and RCS2 to be 35.3 k
Ω
and 73.9 k
Ω. Choosing the closest 1% resistor values yields a
choice of 35.7 k
Ω and 73.2 kΩ.
Output Offset
AMD’s specification requires that at no load, the nominal output
voltage of the regulator be offset to a higher value than the nominal
voltage corresponding to the VID code. The offset is set by a con-
stant current source flowing out of the FB pin (IFB) and flowing
through RB. The value of RB can be found using Equation 11:
R=
V– V
I
R=
.V – . V
A
=.
k
B
ONL
VID
FB
B
153
1 5
15
200
µ
Ω
(11)
The closest standard 1% resistor value is 2.00 k
Ω.
COUT Selection
The required output decoupling for the regulator is typically
recommended by AMD for various processors and platforms.
One can also use some simple design guidelines to determine
what is required. These guidelines are based on having both
bulk and ceramic capacitors in the system.
The first thing is to select the total amount of ceramic capaci-
tance, which is based on the number and type of capacitor to be
used. The best location for ceramics is inside the socket. Others
can be placed along the outer edge of the socket as well.
Combined ceramic values of 30
µF to 100 µF are recommended,
usually made up of multiple ceramic capacitors. Select the num-
ber of ceramics and find the total ceramic capacitance (CZ).
Next, there is an upper limit imposed on the total amount of
bulk capacitance (CX) when one considers the VID on-the-fly
voltage stepping of the output (voltage step VV in time tV with
error of VERR) and a lower limit based on meeting the critical
capacitance for load release for a given maximum load step
∆I
O:
C
LI
nR
V
C
X MIN
O
OD
VID
Z
()
–
≥
×
××


∆
(12)
C
L
nK
R
V
V
+t
V
V
nK
R
L
–1
– C
XMAX
2
O
V
VID
V
VID
V
O
Z
() ≤ ×× ×
××
××
2
2
1
(13)
where K –In
V
V
ERR
V
To meet the conditions of these expressions and transient
response, the ESR of the bulk capacitor bank (RX) should be
less than or equal to the dynamic droop resistance, ROD. If the
CX(MIN) is larger than CX(MAX), the system will not meet the VID
on-the-fly specification and may require the use of a smaller
inductor or more phases (and may have to increase the switch-
ing frequency to keep the output ripple the same).
For our example, a combination of MLCC capacitors (CZ = 50
µF)
was used. The VID on-the-fly step change is from 1.5 V to 0.8 V
(making VV = 700 mV) in 100
µs with a setting error of 3%.
Solving for the bulk capacitance yields
C
nH
A
mV
FmF
X MIN
()
..
–.
≥
×
××
µ
 =
600
24
31 9
1 5
50
1 63
Ω
C
nH
mV
.. V
+
ms
. V
.
. m
mV
nH
––
mF =. mF
XMAX
2
() ≤
×
××
×
×× ×
×
×


600
700
33 5
1 5
1
100
1 5
3 3 5 1 1
700
600
150
20 4
2
Ω
where K = 3.5.
Using eight 820
µF OSCONs with a typical ESR of 12 mΩ each
yields CX = 6.56 mF with an RX = 1.5 m
Ω.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the initial high fre-
quency transient spike. This is tested using
LC
R
LmF
. mW =pH
XZ
OD
X
≥×
×
≥×
×
2
250
1 9
361
2
2
(14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com