Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3166 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices ADP3166 Datasheet HTML 17Page - Analog Devices ADP3166 Datasheet HTML 18Page - Analog Devices ADP3166 Datasheet HTML 19Page - Analog Devices ADP3166 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
ADP3166
–17–
to further derate the capacitor, or to choose a capacitor rated at
a higher temperature than required. Several capacitors may be
placed in parallel to meet size or height requirements in the
design. In this example, the input capacitor bank is formed by
three 2200
µF, 16 V Nichicon capacitors with a ripple current
rating of 3.5 A each.
To reduce the input-current di/dt to below the recommended
maximum of 0.1 A/
µs, an additional small inductor (L > 1 µH
@ 15 A) should be inserted between the converter and the sup-
ply bus. That inductor also acts as a filter between the converter
and the primary power source.
R= R
V–V
V–V
CS2 NEW
CS2 OLD
NL
FLCOLD
NL
FLHOT
()
(
) ×
()
()
(35)
TUNING PROCEDURE FOR ADP3166
1.
Build a circuit based on compensation values computed
from the design spreadsheet.
2.
Hook up the dc load to the circuit, turn it on, and verify its
operation. Also check for jitter at no load and full load.
DC Loadline Setting
3.
Measure the output voltage at no load (VNL). Verify that
it is within tolerance.
4.
Measure the output voltage at full load cold (VFLCOLD). Let
the board set for a ~10 minutes at full load and measure
output (VFLHOT). If there is a change of more than a few
millivolts, adjust RCS1 and RCS2 using Equations 35 and 37.
5.
Repeat Step 4 until the cold and hot voltage measurements
remain the same.
6.
Measure the output voltage from no load to full load using 5
A steps. Compute the loadline slope for each change and
then average them to get the overall loadline slope (ROMEAS).
7.
If ROMEAS is off by more than 0.05 m
Ω from RO, use Equa-
tion 36 to adjust the RPH values:
R= R
R
R
PH NEW
PH OLD
OMEAS
O
()
(
)
(36)
8.
Repeat Steps 6 and 7 to check the loadline and repeat the
adjustments if necessary.
9.
Once finished with dc loadline adjustment, do not change
RPH, RCS1, RCS2, or RTH for the rest of the procedure.
10.
Measure the output ripple at no load and at full load with
a scope and make sure that it is within spec.
AC Loadline Setting
11.
Remove the dc load from the circuit and hook up the
dynamic load.
12.
Hook up the scope to the output voltage and set it to dc
coupling with the time scale at 100
µs/div.
13.
Set the dynamic load for a transient step of about 24 A at 1
kHz with 50% duty cycle.
14.
Measure the output waveform (it might be necessary to
use a dc offset on scope to see the waveform). Try to use a
vertical scale of 100 mV/div or finer.
15.
The waveform should look something like Figure 3. Use
the horizontal cursors to measure VACDRP and VDCDRP
as shown. DO NOT MEASURE THE UNDERSHOOT
OR OVERSHOOT THAT HAPPENS IMMEDI-
ATELY AFTER THE STEP.
VACDRP
VDCDRP
Figure 3. AC Loadline Waveform
16.
If the VACDRP and VDCDRP are different by more than a few
millivolts, use the following to adjust CCS. It might be
necessary to parallel different values to get the right one
since there are limited standard capacitor values available.
(It is a good idea to have locations for two capacitors in
the layout for this.)
17.
Repeat Steps 11 to 13 and repeat adjustments if neces-
sary. Once complete, do not change CCS for the rest of
the procedure.
18.
Set the dynamic load step to maximum step size (do not
use a step size larger than needed), and verify that the
output waveform is square (meaning VACDRP and VDCDRP
are equal).
R=
R+ R
RR
+ R
– R
R
– R
–
R
CS
NEW
CS OLD
TH
C
CS OLD
TH
C
CS
OLD
CS2 NEW
OLD
TH
C
TH
C
2
1
25
1
25
21
25
25
1
1
()
()
()
()
()
()
(
)
()
()
()
×
()×
o
o
o
o
CS
(37)
C= C
V
V
CS NEW
CS OLD
ACDRP
DCDRP
()
(
)
(38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com