Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3166 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices ADP3166 Datasheet HTML 17Page - Analog Devices ADP3166 Datasheet HTML 18Page - Analog Devices ADP3166 Datasheet HTML 19Page - Analog Devices ADP3166 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. 0
–18–
ADP3166
Initial Transient Setting
19.
With dynamic load still set at maximum step size, expand
scope time scale to see 2
µs/div to 5 µs/div. The waveform
may have two overshoots and one minor undershoot (see
Figure 5). Here, VDROOP is the final desired static value.
VDROOP
VTRAN1
VTRAN2
Figure 4. Transient Setting Waveform
20.
If the overshoots are larger than desired, try making the
following adjustments in this order (Note: if these adjust-
ments do not change the response, you are limited by the
output decoupling). Check the output response each time
a change is made as well as the switching nodes (to make
sure it is still stable).
a. Make the ramp resistor larger by 25% (RRAMP).
b. For VTRAN1, increase CB or switching frequency.
c. For VTRAN2, increase RA and decrease CA by 25%.
VDROOP
VTRANREL
Figure 5. Transient Setting Waveform
21.
For load release (see Figure 5), if VTRANREL is larger
than VTRAN1 (refer to Figure 4), there is not enough
output capacitance. Either more capacitance is needed or
it is necessary to make the inductor values smaller (if
inductors are changed, it is necessary to start design over
using the spreadsheet and this tuning guide).
LAYOUT AND COMPONENT PLACEMENT
The following guidelines are recommended for optimal performance
of a switching regulator in a PC system. Key layout issues are
illustrated in Figure 6.
12V CONNECTOR
INPUT POWER PLANE
THERMISTOR
OUTPUT
POWER
PLANE
CPU
SOCKET
KEEP-OUT
AREA
KEEP-OUT
AREA
SWITCH NODE
PLANES
KEEP-OUT
AREA
KEEP-OUT
AREA
Figure 6. Layout Recommendations
General Recommendations
• For good results, at least a four-layer PCB is recommended.
This should allow the needed versatility for control circuitry
interconnections with optimal placement, power planes for
ground, input and output power, and wide interconnection
traces in the rest of the power delivery current paths. Keep
in mind that each square unit of 1 ounce copper trace has a
resistance of ~0.53 m
Ω at room temperature.
• Whenever high currents must be routed between PCB lay-
ers, vias should be used liberally to create several parallel
current paths so that the resistance and inductance intro-
duced by these current paths is minimized and the via current
rating is not exceeded.
• If critical signal lines (including the output voltage sense
lines of the ADP3166) must cross through power circuitry,
it is best if a signal ground plane can be interposed between
those signal lines and the traces of the power circuitry. This
serves as a shield to minimize noise injection into the signals
at the expense of making signal ground a bit noisier.
• An analog ground plane should be used around and under
the ADP3166 for referencing the components associated
with the controller. This plane should be tied to the nearest
output decoupling capacitor ground and should not be tied
to any other power circuitry to prevent power currents from
flowing in it.
• The components around the ADP3166 should be located
close to the controller with short traces. The most important
traces to keep short and away from other traces are the FB
and CSSUM pins. Refer to Figure 6 for more details on
layout for the CSSUM node.
• The output capacitors should be connected as close as
possible to the load (or connector) that receives the power
(e.g., a microprocessor core). If the load is distributed, the
capacitors should also be distributed, and generally in pro-
portion to where the load tends to be more dynamic.
• Avoid crossing any signal lines over the switching power
path loop, described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com