Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3166 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices ADP3166 Datasheet HTML 17Page - Analog Devices ADP3166 Datasheet HTML 18Page - Analog Devices ADP3166 Datasheet HTML 19Page - Analog Devices ADP3166 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. 0
–16–
ADP3166
The first step is to compute the time constants for all of the poles and zeros in the system:
R= n
R
+ A
R
+
RV
V
+
R+ R
L
– n
D
V
nC
R
R
V
R=
. m
+
. m
+
.m
.
V
.V
+
.m
+ . m
nH
– .
eOD
D
DS
LRT
VID
OOD
RT
XO
OD
VID
e
××
×
()××
×
()×
××
×
×
××
×
Ω
()××()×
1
31 9
5 4 2
16
048
15
11
19
600
10 375
0
ΩΩ
Ω
Ω
..V
.mF
. m
. m. V
R=
. m
e
48
36 56
1 1
19
15
36 0
××
×
×
ΩΩ
Ω
(25)
T= C
R
– R +
L
R
R– R
R
T= 6.56 mF
1.9 m
– 0.6 m
+
375 pH
1.5 m
1.9 m
– 0.6 m
1.5 m
T= 8.70
s
aX
OD
'
X
OD
OD
'
X
a
a
×
()
×
×
()
×
ΩΩ
Ω
ΩΩ
Ω
µ
(26)
T= R + R – R
C
T=
.
+ . m
– . m.
mF =.
s
bX
'
OD
X
b
()×
ΩΩ
Ω
()×µ
15
06
19
656
1 31
m
(27)
T=
VL –
AR
2f
VR
T=
.V
nH –
.m
kHz
.. m
=.
s
c
RT
DDS
SW
VID
e
c
×
×
×
×
×
×
×
×
µ
048
600
54 2
2
330
15
36 0
505
Ω
Ω
V
(28)
T=
CC
R
CR – R + C
R
T=
.mF
mF
. m
.mF
. m – . m
+
mF
. m
=7 ns
d
XZ
OD
XO
Z
OD
d
××
×
()
×
××
Ω
×Ω
Ω
()
×Ω
2
2
656
50
1 9
656
1 9
0 6
50
1 9
13
(29)
C=
T
R
=
ns
.k
=. pF
FB
d
A
137
733
18 7
Ω
(33)
Choosing the closest standard values for these components yields:
CA = 680 pF, RA = 7.32 k
Ω, CB = 680 pF, and CFB = 18 pF.
Figure 3 shows the typical transient response using the compen-
sation values.
CIN Selection and Input Current di/dt Reduction
In continuous inductor-current mode, the source current of the
high-side MOSFET is approximately a square wave with a duty
ratio equal to n
VOUT/VIN and an amplitude one-nth of the
maximum output current. To prevent large voltage transients, a
low ESR input capacitor sized for the maximum rms current
must be used. The maximum rms capacitor current is given by
I= D
I
nD
–
I=
A
.
–= .
A
CRMS
O
CRMS
××
×
××
×
1
1
0 125
56
1
3
125
19 05
.
(34)
Note that the capacitor manufacturer’s ripple current ratings are
often based on only 2,000 hours of life. This makes it advisable
where, for the ADP3166, R' is the PCB resistance from the bulk
capacitors to the ceramics and where RDS is the total low-side
MOSFET on resistance per phase. For this example, AD is 5, VRT
equals 0.48 V, R' is approximately 0.6 m
Ω (assuming a 4-layer
motherboard), and LX is 375 pH for the eight OSCON capacitors.
A type-three compensator on the voltage feedback is adequate for
proper compensation of the output filter. The expressions that
follow are intended to yield an optimal starting point for the design;
some adjustments may be necessary to account for PCB and com-
ponent parasitic effects (see the Tuning Procedure section).
The compensation values can then be solved using the following:
C=
nR
T
RR
C=
.m
.
s
.m
.
k
=pF
A
OD
a
eB
A
××
×
××
µ
×
31 9
8 70
36 0
2 00
689
Ω
ΩΩ
(30)
C=
T
R
=
.s
.k
=pF
B
b
B
131
200
655
µ
Ω
(31)
C=
T
R
=
.s
.k
=pF
B
b
B
131
200
655
µ
Ω
(32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com