Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3166 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP3166 Datasheet HTML 12Page - Analog Devices ADP3166 Datasheet HTML 13Page - Analog Devices ADP3166 Datasheet HTML 14Page - Analog Devices ADP3166 Datasheet HTML 15Page - Analog Devices ADP3166 Datasheet HTML 16Page - Analog Devices ADP3166 Datasheet HTML 17Page - Analog Devices ADP3166 Datasheet HTML 18Page - Analog Devices ADP3166 Datasheet HTML 19Page - Analog Devices ADP3166 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. 0
ADP3166
–19–
Power Circuitry
• The switching power path should be routed on the PCB to
encompass the shortest possible length to minimize radiated
switching noise energy (i.e., EMI) and conduction losses in
the board. Failure to take proper precautions often results in
EMI problems for the entire PC system as well as noise-
related operational problems in the power converter control
circuitry. The switching power path is the loop formed by
the current path through the input capacitors and the power
MOSFETs including all interconnecting PCB traces and
planes. The use of short and wide interconnection traces is
especially critical in this path for two reasons: it minimizes
the inductance in the switching loop, which can cause high
energy ringing, and it accommodates the high current
demand with minimal voltage loss.
• Whenever a power dissipating component (e.g., a power
MOSFET) is soldered to a PCB, the liberal use of vias, both
directly on the mounting pad and immediately surrounding
it, is recommended. Two important reasons for this are
improved current rating through the vias, and improved
thermal performance from vias extended to the opposite side
of the PCB where a plane can more readily transfer the heat
to the air. Make a mirror image of any pad being used to
heatsink the MOSFETs on the opposite side of the PCB to
achieve the best thermal dissipation to the air around the
board. To further improve thermal performance, the largest
possible pad area should be used.
• The output power path should also be routed to encompass
a short distance. The output power path is formed by the
current path through the inductor, the output capacitors,
and the load.
• For best EMI containment, a solid power ground plane
should be used as one of the inner layers extending fully
under all the power components.
Signal Circuitry
• The output voltage is sensed and regulated between the
FB pin and the FBRTN pin, which connects to the signal
ground at the load. To avoid differential mode noise pickup
in the sensed signal, the loop area should be small. Therefore
the FB and FBRTN traces should be routed adjacent to each
other on top of the power ground plane back to the controller.
• The feedback traces from the switch nodes should be con-
nected as close as possible to the inductor. The CSREF
signal should be connected to the output voltage at the
inductor nearest to the controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com