Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2233 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2233 Datasheet HTML 1Page - Monolithic Power Systems MP2233 Datasheet HTML 2Page - Monolithic Power Systems MP2233 Datasheet HTML 3Page - Monolithic Power Systems MP2233 Datasheet HTML 4Page - Monolithic Power Systems MP2233 Datasheet HTML 5Page - Monolithic Power Systems MP2233 Datasheet HTML 6Page - Monolithic Power Systems MP2233 Datasheet HTML 7Page - Monolithic Power Systems MP2233 Datasheet HTML 8Page - Monolithic Power Systems MP2233 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
4
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=12V, VOUT=3.3V, L=1.5μH, TA = 25°C, unless otherwise noted.
200
300
400
500
600
700
800
900
1000
4
6
8
101214
16 18
-30
-20
-10
0
10
20
30
40
50
0
5
10
15
20
OUTPUT CURRENT (A)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5 6 7 8 9 1011 121314 1516
INPUT VOLTAGE (V)
Current Limit vs. Duty Cycle
3.0
3.5
4.0
4.5
5.0
5.5
6.0
010 20 30 40 50 60 70 80
Switching Frequency vs.
Ambient Temperature
1.2
1.25
1.3
1.35
1.4
1.45
1.5
-50
0
50
100
150
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0
0.5
1
1.5
2
2.5
3
IOUT=0A
IOUT=1.5A
IOUT=3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com