Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2233 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2233 Datasheet HTML 6Page - Monolithic Power Systems MP2233 Datasheet HTML 7Page - Monolithic Power Systems MP2233 Datasheet HTML 8Page - Monolithic Power Systems MP2233 Datasheet HTML 9Page - Monolithic Power Systems MP2233 Datasheet HTML 10Page - Monolithic Power Systems MP2233 Datasheet HTML 11Page - Monolithic Power Systems MP2233 Datasheet HTML 12Page - Monolithic Power Systems MP2233 Datasheet HTML 13Page - Monolithic Power Systems MP2233 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
10
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
The MP2233 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in power MOSFETs. It offers a very
compact solution to achieve a continuous 3A
output current with excellent load and line
regulation over a wide input supply range.
The MP2233 operates in a fixed-frequency,
peak-current–control mode to regulate the
output voltage. The internal clock initiates a
PWM cycle. The integrated high-side power
MOSFET turns on and remains on until its
current reaches the value set by the COMP
voltage. When the power switch is off, it
remains off until the next clock cycle starts. If
the current in the power MOSFET does not
reach the COMP set current value within 89%
of one PWM period, the power MOSFET will be
forced to turn off. The high-side power
MOSFET has an 80ns minimum off time to
refresh the BST voltage.
Internal Regulator
The 5V internal regulator powers most of the
internal circuitries. This regulator takes the VIN
input and operates in the full VIN range. When
VIN exceeds 5.0V, the output of the regulator is
in full regulation. When VIN is below 5.0V, the
output decreases and requires a 0.1µF ceramic
decoupling capacitor.
Error Amplifier
The error amplifier compares the FB pin voltage
to the internal 0.8V reference (VREF) and
outputs a current proportional to the difference
between the two. This output current then
charges
or
discharges
the
internal
compensation network to form the COMP
voltage, which controls the power MOSFET
current. The optimized internal compensation
network minimizes the external component
counts and simplifies the control loop design.
Enable/SYNC Control
EN is a digital control pin that turns the
regulator on and off. Drive EN high to turn on
the regulator, drive it low to turn it off after a 5μs
delay. An internal 1MΩ resistor from EN to
GND allows EN to float to shut down the chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode as shown in Figure 2.
Connecting the EN pin through a pullup resistor
to any voltage connected to VIN limits the EN
input current to less than 100µA.
For example, when connecting VIN to a 12V
source, RPULLUP≥[(12V – 6.5V) ÷ 100µA = 55kΩ].
Connecting the EN pin directly to a voltage
source without any pull-up resistor requires
limiting the amplitude of the voltage source to
below 6.5V to prevent damaging the Zener
diode.
EN/SYNC
EN LOGIC
GND
Zener
6.5V-typ
Figure 2: Zener Diode Circuit
For external clock synchronization, connect a
clock with a frequency range of 300kHz to
3MHz after setting the output voltage: The
internal clock’s rising edge will synchronize with
the external clock’s rising edge. Select an
external clock signal with a pulse-width less
than 700ns.
Under-Voltage Lockout
The MP2233 has under-voltage lock-out (UVLO)
protection. When VCC exceeds the UVLO
rising threshold voltage, the MP2233 powers up.
It shuts off when VCC falls below the UVLO
falling threshold voltage. This is non-latch
protection.
The MP2233 is disabled when the input voltage
falls below 3.25 V. If an application requires a
higher UVLO, use the EN pin as shown in
Figure 3 to adjust the input voltage UVLO by
using two external resistors. For best results,
use the enable resistors to set the UVLO falling
threshold (VSTOP) above 4.5V. The rising
threshold (VSTART) should be set to provide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com