Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2233 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2233 Datasheet HTML 1Page - Monolithic Power Systems MP2233 Datasheet HTML 2Page - Monolithic Power Systems MP2233 Datasheet HTML 3Page - Monolithic Power Systems MP2233 Datasheet HTML 4Page - Monolithic Power Systems MP2233 Datasheet HTML 5Page - Monolithic Power Systems MP2233 Datasheet HTML 6Page - Monolithic Power Systems MP2233 Datasheet HTML 7Page - Monolithic Power Systems MP2233 Datasheet HTML 8Page - Monolithic Power Systems MP2233 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP2233
High-Efficiency, 3A, 16V, 1.4MHz
Synchronous, Step-Down Converter
MP2233 Rev. 1.01
www.MonolithicPower.com
1
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2233 is a high-frequency, synchronous,
rectified, step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 3A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP2233 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
Protective
features
include
over-current
protection, thermal shutdown, and external SS
control.
The MP2233 requires a minimal number of
readily-available external components and is
available in a space-saving 8-pin TSOT23
package.
FEATURES
• Wide 4.5V-to-16V Operating Input Range
• 80mΩ/30mΩ Low RDS(ON) Internal Power
MOSFETs
• Proprietary Switching-Loss–Reduction
Technique
• High-Efficiency Synchronous Mode
Operation
• Fixed 1.4MHz Switching Frequency
• Can Synchronize to a 300kHz-to-3MHz
External Clock
• Externally-Programmable Soft-Start
• OCP and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.8V
• Available in an 8-pin TSOT-23 Package
APPLICATIONS
• Notebook Systems and I/O Power
• Digital Set-Top Boxes
• Flat-Panel Televisions and Monitors
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2233
IN
EN/SYNC
VCC
SS
GND
FB
SW
BST
VIN
EN/
SYNC
C3
0.1 F
R1
40.2k
R2
13k
L1
C2
22 F
C4
0.1 F
C1
22 F
2
5
6
7
1
3
8
4
3.3V/3A
R3
20
C5
22nF
R5
24k
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0


Similar Part No. - MP2233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2233DJ MPS-MP2233DJ Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results

Similar Description - MP2233

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
EV2233-J-00A MPS-EV2233-J-00A Datasheet
256Kb / 5P
High-Efficiency, 3A, 16V, 1.4MHz, Sync. Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com