Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2233 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2233 Datasheet HTML 4Page - Monolithic Power Systems MP2233 Datasheet HTML 5Page - Monolithic Power Systems MP2233 Datasheet HTML 6Page - Monolithic Power Systems MP2233 Datasheet HTML 7Page - Monolithic Power Systems MP2233 Datasheet HTML 8Page - Monolithic Power Systems MP2233 Datasheet HTML 9Page - Monolithic Power Systems MP2233 Datasheet HTML 10Page - Monolithic Power Systems MP2233 Datasheet HTML 11Page - Monolithic Power Systems MP2233 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
8
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
SS
Soft-Start. Connect an external capacitor to program the soft-start time for the switch-
mode regulator.
2
IN
Supply Voltage. The IN pin supplies power for the internal MOSFET and regulator. The
MP2233 operates from a +4.5V to +16V input rail. Requires a low-ESR, and low-
inductance capacitor (C1) to decouple the input rail. Place the input capacitor very close
to this pin and connect it with wide PCB traces and multiple vias.
3
SW
Switch Output. Connect to the inductor and bootstrap capacitor. VIN drives this pin
through the high-side switch during the PWM duty cycle ON-time. The inductor current
drives the SW pin negative during the OFF-time. The ON-resistance of the low-side
switch and the internal body diode fixes the negative voltage. Connect using wide PCB
traces and multiple vias.
4
GND
System Ground. The regulated output voltage reference ground. Connect with copper
and vias.
5
BST
Bootstrap. Connect a capacitor between SW and BST pins to form a floating supply
across the high-side switch driver.
6
EN/SYNC
Enable. EN=high to enable the MP2233. Apply an external clock to change the switching
frequency. For automatic start-up, connect EN pin to VIN with a 100kΩ resistor.
7
VCC
Internal 5V LDO Output. Powers the driver and control circuits. Decouple with 0.1μF-to-
0.22μF capacitor. Avoid capacitor values greater than 0.22μF.
8
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to set
the output voltage. The comparator lowers the oscillator frequency linearly with FB
voltage. For best results, place the resistor divider as close to the FB pin as possible.
Avoid placing vias on the FB traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com