Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2233 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP2233
Description  High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2233 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2233 Datasheet HTML 9Page - Monolithic Power Systems MP2233 Datasheet HTML 10Page - Monolithic Power Systems MP2233 Datasheet HTML 11Page - Monolithic Power Systems MP2233 Datasheet HTML 12Page - Monolithic Power Systems MP2233 Datasheet HTML 13Page - Monolithic Power Systems MP2233 Datasheet HTML 14Page - Monolithic Power Systems MP2233 Datasheet HTML 15Page - Monolithic Power Systems MP2233 Datasheet HTML 16Page - Monolithic Power Systems MP2233 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MP2233 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP2233 Rev. 1.01
www.MonolithicPower.com
13
12/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider sets the output
voltage (see Typical Application on page 1).
The feedback resistor (R1) sets the feedback
loop bandwidth in conjunction with the internal
compensation capacitor. R2 is then:
OUT
R1
R2
V
1
0.8V
=
−
The T-type network shown in Figure 5 is highly
recommended.
Rt
Cf
Figure 5: T-Type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1: Resistor Values for Common
Output Voltages
VOUT(V) R1(kΩ) R2(kΩ) Rt(kΩ) Cf(pF) L(µH)
1
20.5
84.5
140
0
0.52
1.2
30.1
61.9
140
0
0.52
1.8
40.2
32.4
59
15
1
2.5
40.2
19.1
43
15
1
3.3
40.2
13
24
15
1.5
5
40.2
7.68
24
15
1.5
Selecting the Inductor
Use a 1µH-to-10µH inductor with a DC current
rating of at least 25% percent higher than the
maximum load current for most applications.
For highest efficiency, select an inductor with a
DC resistance less than 15mΩ. For most
designs, calculate the inductance value as:
OUT
IN
OUT
1
IN
L
OSC
V(V
V
)
L
VI
f
×−
=
×Δ ×
Where ΔIL is the inductor ripple current.
Choose an inductor ripple current to be
approximately 30% of the maximum load
current. The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Δ
+
=
Use a larger inductance for improved light-load
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. Use low-ESR capacitors for the best
performance, such as ceramic capacitors with
X5R or X7R dielectrics that have low ESR and
small
temperature
coefficients.
For
most
applications, use a 22µF capacitor.
The input capacitor (C1) requires an adequate
ripple current rating because it absorbs the
input switching current. Estimate the RMS
current in the input capacitor as:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
−
×
=
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worst-case condition occurs at VIN=2VOUT,
where:
2
I
I
LOAD
1
C =
For simplification, choose the input capacitor
with an RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors,
include
a
small,
high-quality,
ceramic capacitor—e.g. 0.1μF—as close to the
IC as possible. When using ceramic capacitors,
make sure that they have enough capacitance
to prevent excessive input voltage ripple.
Estimate the input voltage ripple caused by the
capacitance as:
LOAD
OUT
OUT
IN
IN
SIN
IV
V
V1
fC1
V
V
⎛⎞
Δ=
×
× −
⎜⎟
×
⎝⎠



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com