Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8421 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8421
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8421 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8421 Datasheet HTML 1Page - Leshan Radio Company LR8421 Datasheet HTML 2Page - Leshan Radio Company LR8421 Datasheet HTML 3Page - Leshan Radio Company LR8421 Datasheet HTML 4Page - Leshan Radio Company LR8421 Datasheet HTML 5Page - Leshan Radio Company LR8421 Datasheet HTML 6Page - Leshan Radio Company LR8421 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ORDER INFORMATION
Operating free air temperature range
Output Voltage
Package
Device No.
-40~+85°C
Adjustable
SOP8-PP
LR8421AES
PIN CONFIGURATION:
Top View
SOP8-PP
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
PIN
TYPE
(1)
DESCRIPTION
NO.
NAME
1,2
SW
I
Boost and Rectifying Switch Input. Connect an inductor between this
pin and VIN. Keep the PCB trace lengths as short and wide as is practical
to reduce EMI and voltage overshoot. If the inductor current falls to zero,
or pin CE is low, an internal anti-ringing switch is connected from this pin
to VIN to minimize EMI.
3
VBAT
I
Battery Supply Input Voltage. The device gets its start-up bias from
VBAT. Once VOUT exceeds 2.3V, bias comes from VOUT. Thus, once started,
operation is completely independent from VBAT. Operation is only limited
by the output power level and the battery’s internal series resistance. The
VBAT pin should be connected to the positive terminal of the battery and
bypassed with a low ESR ceramic bypass capacitor. Care should be taken
to minimize the loop area formed by the bypass capacitor connections, the
VBAT pin, and the LR8421 PGND pin. The minimum recommended bypass
capacitance is 1 F ceramic with a X5R or X7R dielectric and the optimum
placement is closest to the VBAT pin and the PGND pin.
PCB trace length from VBAT to the input filter capacitor(s) should be as
short and wide as possible.
4
CE
I
Chip Enable Input. Internal integrated with 1Mohm pull down resistor.
CE=High: Normal free running operation.
CE=Low: Shutdown; quiescent current <1 A. Output capacitor can be
completely discharged through the load or feedback resistors.
If CE is undefined, pin SW may ring.
LESHAN RADIO COMPANY, LTD.
Ver0.1
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com