Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8421 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR8421
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8421 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR8421 Datasheet HTML 1Page - Leshan Radio Company LR8421 Datasheet HTML 2Page - Leshan Radio Company LR8421 Datasheet HTML 3Page - Leshan Radio Company LR8421 Datasheet HTML 4Page - Leshan Radio Company LR8421 Datasheet HTML 5Page - Leshan Radio Company LR8421 Datasheet HTML 6Page - Leshan Radio Company LR8421 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5
AGND
I
Analog Ground. The analog ground ties to all of the noise sensitive
signals. Provide a clean ground for the analog control circuitry and should
not be in the path of large currents.
Return for output voltage set resistor divider.
Connect this pin to PGND.
6
FB
I
Feedback Input.
Feedback Input to the gm Error Amplifier. Connect resistor divider tap to
this pin.
The output voltage can be adjusted from 2.5V to 5.5V by:
VOUT =1.2V [1+(R1/R2)]
The feedback networks should be connected directly to a dedicated
analog ground plane and this ground plane must connect to the AGND
pin. If no analog ground plane is available, then the ground connection of
the feedback network must tie directly to the AGND pin. Connecting the
network to the PGND can inject noise into the system and effect
performance.
The feedback network, resistors R1 and R2 must be connected to FB pin
directly as closely as possible. And FB is a sensitive signal node, trace
area at FB pin should be small.
Please keep FB away from the inductor and SW switching node on the
PCB layout to minimize copper trace connections that can inject noise into
the system.
7,8
VOUT
O
DC-DC Power Output, IC Supply Voltage and Output Voltage Sense
Input (Drain of the Internal Synchronous Rectifier P-MOSFET). PCB trace
length from VOUT to the output filter capacitor(s) should be as short and
wide as possible. Care should be taken to minimize the loop area formed
by the output filter capacitor(s) connections, the VOUT pin, and the LR8421
PGND pin. The minimum recommended output filter capacitance is
22 Fx2 ceramic with a X5R or X7R dielectric and the optimum placement
is closest to the VOUT pin and the PGND pin. VOUT is completely
disconnected from VBAT when CE is low, due to the output disconnect
feature.
Bias is derived from VOUT when VOUT exceeds 2.3V.
9
PGND
P
Power Ground. Ground connection for high-current power converter
node. High current return for the low-side driver and power main switch
N-MOSFET. Connect PGND with large copper areas directly to the input
and output supply returns and negative terminals of the input and output
filter capacitor(s).
Tie this pin to the ground island/plane through the lowest impedance
connection available.
Connect this pin to AGND.
(1) I = input; O = output; P = power
LESHAN RADIO COMPANY, LTD.
Ver0.1
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com