Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR8421 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8421
Description  5A, 500KHz Synchronous Boost Converter with Output Disconnect
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8421 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8421 Datasheet HTML 1Page - Leshan Radio Company LR8421 Datasheet HTML 2Page - Leshan Radio Company LR8421 Datasheet HTML 3Page - Leshan Radio Company LR8421 Datasheet HTML 4Page - Leshan Radio Company LR8421 Datasheet HTML 5Page - Leshan Radio Company LR8421 Datasheet HTML 6Page - Leshan Radio Company LR8421 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTRODUCTION:
FEATURES:
The LR8421 devices provide a power supply
solution for products powered by either a one-cell
Li-Ion or Li-polymer, or a two to three-cell alkaline,
NiCd or NiMH battery. The converter generates a
stable output voltage that is adjusted by an
external resistor divider. It provides high efficient
power conversion and is capable of delivering
output currents up to 2.1A at 5V at a supply
voltage down to 3V.
The implemented boost converter is based on a
fixed
switching
frequency
(500kHz
typical),
current-mode controller using a synchronous
rectifier to obtain maximum efficiency. Boost
switch and rectifier switch are connected internally
to provide the lowest leakage inductance and best
EMI behavior possible. The current-mode control
scheme provides fast transient response and
good output voltage accuracy. At light load, the
converter will automatically enter into Pulse
Frequency Modulation (PFM) operation to reduce
the dominant switching losses. During PFM
operation, the IC consumes very low quiescent
current and maintains high efficiency over a wide
load current range.
The converter can be disabled to minimize battery
drain. During shutdown, the load is completely
disconnected from the battery.
The device allows use of small inductors and
output capacitors for USB devices.
Up to 90% Efficiency at IOUT=2A VOUT=5V
from 3.3V Input
Low Device Quiescent Current: 70 A (Max)
Guaranteed 2.5A Output Current at VOUT=5V
from 3.3V Input
500kHz PWM Switching Frequency
Synchronous and Embedded Power
MOSFETs; No Schottky Diode Required
Low RDS(ON) (main switch/synchronous switch)
at 5.0V output: 35/42mohm
Input Voltage Range: 1.8V to 5.25V
Adjustable Output Voltage Range:
from 2.5V to 5.5V
Pulse Frequency Modulation Operation for
Improved Efficiency at Low Output Power
Current Mode Operation with Internal
Compensation for Excellent Line and Load
Transient Response
Logic Controlled Shutdown(<1 A)
Load Disconnect During Shutdown
Automatic output discharge at shutdown:
No output discharge function
Internal Soft-Start to Limit Inrush Current
Over Current Protection
Input Under Voltage Lockout
Output Over Voltage Protection
Over-Temperature Protection
Available in thermally enhanced 8-pin SOP
Package
APPLICATIONS
All Single Cell Li or Dual Cell Battery
Operated Products as Tablet PC, Smartbook
and Other Portable Equipment
Products including portable HDMI and USB-OTG
USB Hosts Without Native 5V Supplies
USB Charging Port (5V)
Power Bank, Battery Backup Units
Wireless Peripherals
Portable Audio Players
Personal Medical Devices
Industrial Metering Equipments
DC/DC Micro Modules
5A, 500KHz Synchronous Boost Converter
with Output Disconnect
LESHAN RADIO COMPANY, LTD.
Ver0.1
1/7
LR8421 Series


Similar Part No. - LR8421

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425AQD10 LRC-LR8425AQD10 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
LR8425BQD10 LRC-LR8425BQD10 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
More results

Similar Description - LR8421

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
MP3120 MPS-MP3120 Datasheet
712Kb / 10P
1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429B LINER-LTC3429B_15 Datasheet
204Kb / 12P
600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Richtek Technology Corp...
RT4841 RICHTEK-RT4841 Datasheet
337Kb / 16P
5A Synchronous Boost Converter with Output Isolation MOS
Features
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com